| Zakładka z wyszukiwarką danych komponentów |
|
SPC574S64 Arkusz danych(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC574S64 Arkusz danych(HTML) 9 Page - STMicroelectronics |
|
9 / 77 page ![]() DS10601 Rev 6 9/77 SPC574Sx Introduction 76 1.4 Block diagram Figure 1 shows the top-level block diagram. Figure 1. Block diagram Table 3 summarizes the functions of all blocks present in the SPC574Sx series of microcontrollers. Please note that the presence and number of blocks vary by device and package. PowerPC e200z420 XBAR PBRIDGE_0 PBRIDGE_1 RAM controller Flash controller DMA FlexRay Flash RAM eTimer 2 eTimer 3 FlexPWM 3 ADC 3 ADC 5 ADC 4 ADC spv 1 DSPI 2 DSPI 3 SENT 1 LinFlexD_1 CTU 1 CMU 1 CMU 2 PRAMC PFLASHC XBIC INTC DMA Mux 0 STCU2 DMA regs WKPU DSPI 0 DSPI 1 SENT 0 LinFlexD_0 CMU 0 CTU 0 MCAN 0 Temperature sensor PIT RCCU Nexus 3 PowerPC e200z419 (lockstep) Nexus 3 JTAGM JTAGC DCI SPU CMPU CMPU e2eECC e2eECC ICache RCCU DMA (lockstep) eTimer 0 eTimer 1 FlexPWM 1 ADC 0 ADC 2 ADC spv 0 ADC 1 SWT MC_RGM MC_CGM MC_PMC MC_ME CRC STM XBAR SIUL RCOSC dig XOSC dig PLL dig Flash reg IF SSCM JTAGM INTC RCCU INTC (lockstep) DMA Mux 0/1 RCCU DMA Mux 0/1 (lockstep) DMEM SMPU CCCU_0 CMU 3 FCCU MEMU FlexPWM 0 FlexPWM 2 FlexRay regs MCAN 1 DMA Mux 1 LinFlexD_2 LinFlexD_3 JDC PASS MC_PCU NPC PWM Sync PWM Sync CCCU_1 Table 3. SPC574Sx series block summary Block Function e200z4 CPU Allows single clock instruction execution Analog-to-digital converter (ADC) Multi-channel, 12-bit analog-to-digital converter Cross triggering unit (CTU) Enables synchronization of ADC conversions with a timer event from the PIT |