Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32L062K8 Arkusz danych(PDF) 43 Page - STMicroelectronics

Numer części STM32L062K8
Szczegółowy opis  Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, 64 KB Flash,8 KB SRAM, 2 KB EEPROM, USB, ADC, DAC, AES
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L062K8 Arkusz danych(HTML) 43 Page - STMicroelectronics

Back Button STM32L062K8 Datasheet HTML 39Page - STMicroelectronics STM32L062K8 Datasheet HTML 40Page - STMicroelectronics STM32L062K8 Datasheet HTML 41Page - STMicroelectronics STM32L062K8 Datasheet HTML 42Page - STMicroelectronics STM32L062K8 Datasheet HTML 43Page - STMicroelectronics STM32L062K8 Datasheet HTML 44Page - STMicroelectronics STM32L062K8 Datasheet HTML 45Page - STMicroelectronics STM32L062K8 Datasheet HTML 46Page - STMicroelectronics STM32L062K8 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 124 page
background image
DS10183 Rev 11
43/124
STM32L062x8
Pin descriptions
45
25
25
A2
38
PA15
I/O
FT
-
SPI1_NSS, TIM2_ETR,
EVENTOUT,
USART2_RX,
TIM2_CH1
-
26
26
B3
39
PB3
I/O
FT
-
SPI1_SCK, TIM2_CH2,
TSC_G5I_O1,
EVENTOUT
COMP2_INN
27
27
A3
40
PB4
I/O
FT
-
SPI1_MISO,
EVENTOUT,
TSC_G5_IO2,
TIM22_CH1
COMP2_INP
28
28
C4
41
PB5
I/O
FT
-
SPI1_MOSI,
LPTIM1_IN1,
I2C1_SMBA,
TIM22_CH2
COMP2_INP
29
29
B4
42
PB6
I/O
FTf
-
USART1_TX,
I2C1_SCL,
LPTIM1_ETR,
TSC_G5_IO3
COMP2_INP
30
30
A4
43
PB7
I/O
FTf
-
USART1_RX,
I2C1_SDA,
LPTIM1_IN2,
TSC_G5_IO4
COMP2_INP,
PVD_IN
31
31
C5
44
BOOT0
I
B
-
-
-
-
32
B5
45
PB8
I/O
FTf
-
TSC_SYNC, I2C1_SCL
-
32
-
D6
47
VSS
S
-
-
-
1
1
A5
48
VDD
S
-
-
-
1. PA4 offers a reduced touch sensing sensitivity. It is thus recommended to use it as sampling capacitor I/O.
Table 15. STM32L062x8 pin definitions (continued)
Pin Number
Pin name
(function after
reset)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More