Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H7A3VG Arkusz danych(PDF) 72 Page - STMicroelectronics

Numer części STM32H7A3VG
Szczegółowy opis  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3VG Arkusz danych(HTML) 72 Page - STMicroelectronics

Back Button STM32H7A3VG Datasheet HTML 68Page - STMicroelectronics STM32H7A3VG Datasheet HTML 69Page - STMicroelectronics STM32H7A3VG Datasheet HTML 70Page - STMicroelectronics STM32H7A3VG Datasheet HTML 71Page - STMicroelectronics STM32H7A3VG Datasheet HTML 72Page - STMicroelectronics STM32H7A3VG Datasheet HTML 73Page - STMicroelectronics STM32H7A3VG Datasheet HTML 74Page - STMicroelectronics STM32H7A3VG Datasheet HTML 75Page - STMicroelectronics STM32H7A3VG Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 237 page
background image
Table 12. Port E alternate functions
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
LPTIM1/
TIM1/2/16/17
PDM_SAI1/
TIM3/4/5/12/15
DFSDM1/
LPTIM2/3/
LPUART1/
OCTOSPIM_P1/2/
TIM8
CEC/DCMI/
PSSI/
DFSDM1/2/
I2C1/2/3/4/
LPTIM2/
TIM15/
USART1
CEC/SPI1/
I2S1/SPI2/
I2S2/SPI3/
I2S3/
SPI4/5/
SPI6/I2S6
DFSDM1/2/
I2C4/
OCTOSPIM_P1/
SAI1/SPI3/I2S3/
UART4
SDMMC1/
SPI2/I2S2/
SPI3/I2S3/
SPI6/I2S6/
UART7/
USART1/2/3/6
LPUART1/
SAI2/
SDMMC1/
SPDIFRX1/
SPI6/I2S6/
UART4/5/8
FDCAN1/2/FMC/LC
D/OCTOSPIM_P1/2/
SDMMC2/
SPDIFRX1/
TIM13/14
CRS/FMC/LCD/
OCTOSPIM_P1/
OTG1_FS/
OTG1_HS/SAI2/
SDMMC2/TIM8
DFSDM1/2/
I2C4/LCD/MDIOS/
OCTOSPIM_P1/
SDMMC2/SWPMI1/
TIM1/8/UART7/9/
USART10
FMC/LCD/
MDIOS/
SDMMC1/
TIM1/8
COMP/DCMI/
PSSI/LCD/TIM1
LCD/
UART5
SYS
PE0
-
LPTIM1_ETR
TIM4_ETR
-
LPTIM2_ETR
-
-
-
UART8_Rx
-
SAI2_MCK_A
-
FMC_NBL0
DCMI_D2/
PSSI_D2
LCD_R0
EVENTOUT
PE1
-
LPTIM1_IN2
-
-
-
-
-
-
UART8_Tx
-
-
-
FMC_NBL1
DCMI_D3/
PSSI_D3
LCD_R6
EVENTOUT
PE2
TRACECLK
-
SAI1_CK1
-
-
SPI4_SCK
SAI1_MCLK_A
-
-
OCTOSPIM_P1_IO2
-
USART10_RX
FMC_A23
-
-
EVENTOUT
PE3
TRACED0
-
-
-
TIM15_BKIN
-
SAI1_SD_B
-
-
-
-
USART10_TX
FMC_A19
-
-
EVENTOUT
PE4
TRACED1
-
SAI1_D2
DFSDM1_DATIN3
TIM15_CH1N
SPI4_SS
SAI1_FS_A
-
-
-
-
-
FMC_A20
DCMI_D4/
PSSI_D4
LCD_B0
EVENTOUT
PE5
TRACED2
-
SAI1_CK2
DFSDM1_CKIN3
TIM15_CH1
SPI4_MISO
SAI1_SCK_A
-
-
-
-
-
FMC_A21
DCMI_D6/
PSSI_D6
LCD_G0
EVENTOUT
PE6
TRACED3
TIM1_BKIN2
SAI1_D1
-
TIM15_CH2
SPI4_MOSI
SAI1_SD_A
-
-
-
SAI2_MCK_B
TIM1_BKIN2_
COMP12
FMC_A22
DCMI_D7/
PSSI_D7
LCD_G1
EVENTOUT
PE7
-
TIM1_ETR
-
DFSDM1_DATIN2
-
-
-
UART7_RX
-
-
OCTOSPIM_P1_IO4
-
FMC_D4/
FMC_DA4
-
-
EVENTOUT
PE8
-
TIM1_CH1N
-
DFSDM1_CKIN2
-
-
-
UART7_TX
-
-
OCTOSPIM_P1_IO5
-
FMC_D5/
FMC_DA5
COMP2_OUT
-
EVENTOUT
PE9
-
TIM1_CH1
-
DFSDM1_CKOUT
-
-
-
UART7_RTS
-
-
OCTOSPIM_P1_IO6
-
FMC_D6/
FMC_DA6
-
-
EVENTOUT
PE10
-
TIM1_CH2N
-
DFSDM1_DATIN4
-
-
-
UART7_CTS
-
-
OCTOSPIM_P1_IO7
-
FMC_D7/
FMC_DA7
-
-
EVENTOUT
PE11
-
TIM1_CH2
-
DFSDM1_CKIN4
-
SPI4_SS
-
-
-
-
SAI2_SD_B
OCTOSPIM_P1_NCS
FMC_D8/
FMC_DA8
-
LCD_G3
EVENTOUT
PE12
-
TIM1_CH3N
-
DFSDM1_DATIN5
-
SPI4_SCK
-
-
-
-
SAI2_SCK_B
-
FMC_D9/
FMC_DA9
COMP1_
OUT
LCD_B4
EVENTOUT
PE13
-
TIM1_CH3
-
DFSDM1_CKIN5
-
SPI4_MISO
-
-
-
-
SAI2_FS_B
-
FMC_D10/
FMC_DA10
COMP2_OUT
LCD_DE
EVENTOUT
PE14
-
TIM1_CH4
-
-
SPI4_MOSI
-
-
-
-
SAI2_MCK_B
-
FMC_D11/
FMC_DA11
-
LCD_CLK
EVENTOUT
PE15
-
TIM1_BKIN
-
-
-
-
-
-
-
-
USART10_CK
FMC_D12/
FMC_DA12
TIM1_BKIN_COMP12
LCD_R7
EVENTOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More