Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H7A3VG Arkusz danych(PDF) 228 Page - STMicroelectronics

Numer części STM32H7A3VG
Szczegółowy opis  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3VG Arkusz danych(HTML) 228 Page - STMicroelectronics

Back Button STM32H7A3VG Datasheet HTML 224Page - STMicroelectronics STM32H7A3VG Datasheet HTML 225Page - STMicroelectronics STM32H7A3VG Datasheet HTML 226Page - STMicroelectronics STM32H7A3VG Datasheet HTML 227Page - STMicroelectronics STM32H7A3VG Datasheet HTML 228Page - STMicroelectronics STM32H7A3VG Datasheet HTML 229Page - STMicroelectronics STM32H7A3VG Datasheet HTML 230Page - STMicroelectronics STM32H7A3VG Datasheet HTML 231Page - STMicroelectronics STM32H7A3VG Datasheet HTML 232Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 237 page
background image
3.24
Ultra-low-power comparators (COMP) ............................................ 22
3.25
Operational amplifiers (OPAMP) ................................................. 22
3.26
Digital filter for sigma-delta modulators (DFSDM)................................... 22
3.27
Digital camera interface (DCMI) ................................................. 24
3.28
Parallel synchronous slave interface (PSSI) ....................................... 24
3.29
LCD-TFT display controller (LTDC)............................................... 24
3.30
JPEG codec (JPEG) ........................................................... 24
3.31
True random number generator (RNG) ........................................... 25
3.32
Timers and watchdogs ......................................................... 25
3.32.1
Advanced-control timers (TIM1, TIM8) ....................................... 26
3.32.2
General-purpose timers (TIMx) ............................................. 26
3.32.3
Basic timers (TIM6 and TIM7) .............................................. 27
3.32.4
Low-power timers (LPTIM1, LPTIM2, LPTIM3) ................................. 27
3.32.5
Independent watchdog ................................................... 27
3.32.6
Window watchdog....................................................... 27
3.32.7
SysTick timer .......................................................... 27
3.33
Real-time clock (RTC) ......................................................... 28
3.34
Tamper and backup registers (TAMP) ............................................ 28
3.35
Inter-integrated circuit interface (I2C) ............................................. 28
3.36
Universal synchronous/asynchronous receiver transmitter (USART) ................... 29
3.37
Low-power universal asynchronous receiver transmitter (LPUART) ................... 30
3.38
Serial peripheral interfaces (SPI)/integrated interchip sound interfaces (I2S) ............ 30
3.39
Serial audio interfaces (SAI) .................................................... 30
3.40
SPDIFRX receiver interface (SPDIFRX) .......................................... 31
3.41
Single wire protocol master interface (SWPMI)..................................... 31
3.42
Management data input/output (MDIO) slaves ..................................... 31
3.43
SD/SDIO/MMC card host interfaces (SDMMC) ..................................... 31
3.44
Controller area network (FDCAN1, FDCAN2) ...................................... 32
3.45
Universal serial bus on-the-go high-speed (OTG_HS) ............................... 32
3.46
High-definition multimedia interface (HDMI) - consumer electronics control (CEC) ....... 32
3.47
Debug infrastructure ........................................................... 33
4
Memory mapping .................................................................34
5
Pin descriptions ..................................................................35
6
Electrical characteristics..........................................................78
6.1
Parameter conditions .......................................................... 78
6.1.1
Minimum and maximum values............................................. 78
STM32H7A3xI/G
Contents
DS13195 - Rev 8
page 228/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More