Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STMPE812BJR Arkusz danych(PDF) 29 Page - STMicroelectronics

Numer części STMPE812BJR
Szczegółowy opis  S-Touch® enhanced 4-wire resistive touchscreen controller with PWM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE812BJR Arkusz danych(HTML) 29 Page - STMicroelectronics

Back Button STMPE812BJR Datasheet HTML 25Page - STMicroelectronics STMPE812BJR Datasheet HTML 26Page - STMicroelectronics STMPE812BJR Datasheet HTML 27Page - STMicroelectronics STMPE812BJR Datasheet HTML 28Page - STMicroelectronics STMPE812BJR Datasheet HTML 29Page - STMicroelectronics STMPE812BJR Datasheet HTML 30Page - STMicroelectronics STMPE812BJR Datasheet HTML 31Page - STMicroelectronics STMPE812BJR Datasheet HTML 32Page - STMicroelectronics STMPE812BJR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
STMPE812
Touchscreen controller
Doc ID 17732 Rev 3
29/51
11
Touchscreen controller
The STMPE812 is integrated with a hard-wired touchscreen controller for 4-wire resistive
type touchscreen. The touchscreen controller is able to operate completely autonomously,
and would interrupt the connected CPU only when pre-defined event occurs.
The TSC is based on an internal 20Ksamples/sec ADC, running off a 1 MHz (Minimum
880 kHz) RC OSC.
Sampling time = Touch Detect Delay*2 + (Settling Time + (ADC Conversion Time*MAV)) *3
Figure 8.
Touchscreen controller internal RC OSC connection
Table 10.
Sampling time/frequency calculation
Oscillator speed
ADC
conversion
time
Touch
detect
delay
Settling
time
Median
averag
e
Sampling time/freq
(complete X/Y/Z sample
sets)
880 kHz
50µs
40µs
40µs
None
40*2 + 3*(40+(50*1)) = 350 µs
(2.8K sample sets/sec)
880 kHz
50µs
40µs
40µs
10-2
40*2 + 3*(40+
(50*10))=1700 µs (588 sample
sets/sec)
880 kHz
50 µs
640 µs
640 µs
20-4
640*2 + 3*(640+ (50*20))
=6200 µs (161 sample
sets/sec)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51