Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STTH802SF Arkusz danych(PDF) 6 Page - STMicroelectronics

Numer części STTH802SF
Szczegółowy opis  200 V ultrafast recovery diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH802SF Arkusz danych(HTML) 6 Page - STMicroelectronics

Back Button STTH802SF Datasheet HTML 2Page - STMicroelectronics STTH802SF Datasheet HTML 3Page - STMicroelectronics STTH802SF Datasheet HTML 4Page - STMicroelectronics STTH802SF Datasheet HTML 5Page - STMicroelectronics STTH802SF Datasheet HTML 6Page - STMicroelectronics STTH802SF Datasheet HTML 7Page - STMicroelectronics STTH802SF Datasheet HTML 8Page - STMicroelectronics STTH802SF Datasheet HTML 9Page - STMicroelectronics STTH802SF Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK®
packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions
and product status are available at: www.st.com. ECOPACK® is an ST trademark.
2.1
PSMC (TO-277A) package information
•
Epoxy meets UL94,V0
•
Cooling method : by conduction (C)
Figure 12. PSMC (TO-277A) package outline
Table 5. PSMC (TO-277A) package mechanical data
Ref.
Dimensions
Millimeters
Inches (for reference only)
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.00
1.10
1.20
0.039
0.043
0.047
b
1.05
1.20
1.35
0.041
0.047
0.053
b2
1.90
2.05
2.20
0.075
0.081
0.087
b4
0.75
0.029
C
0.15
0.23
0.40
0.006
0.009
0.016
D
4.45
4.60
4.75
0.175
0.181
0.187
D1
4.25
4.40
4.45
0.167
0.173
0.175
D2
3.40
3.60
3.70
0.134
0.142
0.146
STTH802SF
Package information
DS12649 - Rev 2
page 6/10



Html Pages

1 2 3 4 5 6 7 8 9 10