Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AVRH10 Arkusz danych(PDF) 3 Page - TDK Electronics

Numer części AVRH10
Szczegółowy opis  Chip varistors ESD/Voltage protection devices
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TDK [TDK Electronics]
Strona internetowa  http://www.tdk.com
Logo TDK - TDK Electronics

AVRH10 Arkusz danych(HTML) 3 Page - TDK Electronics

  AVRH10 Datasheet HTML 1Page - TDK Electronics AVRH10 Datasheet HTML 2Page - TDK Electronics AVRH10 Datasheet HTML 3Page - TDK Electronics AVRH10 Datasheet HTML 4Page - TDK Electronics AVRH10 Datasheet HTML 5Page - TDK Electronics AVRH10 Datasheet HTML 6Page - TDK Electronics AVRH10 Datasheet HTML 7Page - TDK Electronics AVRH10 Datasheet HTML 8Page - TDK Electronics AVRH10 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
(3/12)
20220209 / vpd_varistors_avr_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
Voltage Protection Devices
Chip varistors
PART NUMBER CONSTRUCTION
Overview of the AVR/SGNE series
AVRM
1608
C
390
K
T
271
N
Series name
L x W
dimensions
Structure code
Varistor
voltage
Varistor voltage
tolerance
Packaging style
Capacitance
Capacitance
tolerance
(%)
(mm)
(V)
(%)
(pF)
0402
0.4x0.2
C General structure
390=39×100
K
±10
T
Taping
271=27×101
K±10
0603
0.6x0.3
6R8
6.8
M
±20
B
Bulk
221
220
M
±20
1005
1.0x0.5
270
27
N
±30
271
270
N
±30
1608
1.6x0.8
390
39
2012
2.0×1.2
AVR-M
1608
C
270
M
T
AAB
Series name
L x W
dimensions
Structure code
Varistor
voltage
Varistor voltage
tolerance
Packaging style
Company
special symbol
(mm)
(V)
(%)
0603
0.6x0.3
C
General structure
270=27×100
K
±10
T
Taping
1005
1.0x0.5
G
Conductive paste compatible
080
8
M
±20
B
Bulk
1608
1.6x0.8
120
12
N
±30
2012
2.0×1.2
270
27
AVRL
10
1A
3R3
F
T
A
Series name
L x W
dimensions
Maximum
continuous voltage
Capacitance
Capacitance
tolerance
Packaging style
Company
special symbol
(mm)
(V)
(pF)
(pF)
04
0.4x0.2
1A
10
R50
0.5
F
±1
T
Taping
06
0.6x0.3
1D
20
1R1
1.1
G
±2
B
Bulk
10
1.0×0.5
1E
25
3R3
3.3
N
±0.3
16
1.6×0.8
6R8
6.8
AVRH
10
C
270
K
T
150
N
A
8
Series name
L x W
dimensions
Structure
code
Varistor
voltage
Varistor
voltage
tolerance
Packaging
style
Capacitance
Capacitance
tolerance
ESD voltage
amount
IEC61000-4-2
Operating
temperature
limit
(°C)
(mm)
(V)
(%)
(pF)
(kV)
1005
1.0x0.5
C
General
structure
270=27×100
K
±10
T
Taping
150=15×100
K
±10%
A
25
8
150
270
27
B
Bulk
4R7
4.7
M
±20%
E
8
390
39
150
15
N
±30%
101
100
500
50
Y
±0.13pF
SGNE
04
C
080
M
T
150
N
25
Series name
L x W
dimensions
Structure
code
Varistor
voltage
Varistor
voltage
tolerance
Packaging
style
Capacitance
Capacitance
tolerance
ESD clamping voltage
Average voltage
(IEC61000-4-2, 8kV)
(mm)
(V)
(%)
(pF)
04
0.4x0.2
C
General structure
080=8×100
K
±10
T
Taping
150=15×100
N
±30%
06
0.6x0.3
080
8
B
Bulk
6R8
4.7
Y
±0.13pF
10
1.0×0.5
270
27
150
15
Shape symbol (JIS) L
W
T
B
0402
0.40±0.02
0.20±0.02
0.20±0.02
0.07min.
0603
0.60±0.03
0.30±0.03
0.30±0.03
0.1min.
1005
1.00±0.05
0.50±0.05
0.50±0.05
0.1min.
1608
1.60±0.10
0.80±0.10
0.80±0.10
0.2min.
2012
2.00±0.20
1.25±0.20
0.70±0.20
0.2min.
RoHS Directive Compliant Product
Compatible with lead-free solders
T
L
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com