| Zakładka z wyszukiwarką danych komponentów |
|
APT20N60SC3 Arkusz danych(PDF) 3 Page - Advanced Power Technology |
|
|
|||||||||||||||||||||||||||||
APT20N60SC3 Arkusz danych(HTML) 3 Page - Advanced Power Technology |
|
3 / 5 page ![]() APT20N60B_SC3 Typical Performance Curves 4.5V 5V 5.5V 4V VGS =15 & 10V VGS=10V VGS=20V TJ = +125°C TJ = +25°C TJ = -55°C VDS> ID (ON) x RDS (ON)MAX. 250µSEC. PULSE TEST @ <0.5 % DUTY CYCLE V DS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 2, TRANSIENT THERMAL IMPEDANCE MODEL FIGURE3,LOW VOLTAGE OUTPUTCHARACTERISTICS V GS, GATE-TO-SOURCE VOLTAGE (VOLTS) I D, DRAIN CURRENT (AMPERES) FIGURE4, TRANSFERCHARACTERISTICS FIGURE 5, R DS(ON) vs DRAIN CURRENT T C, CASE TEMPERATURE (°C) T J, JUNCTION TEMPERATURE (°C) FIGURE6,MAXIMUMDRAINCURRENTvsCASETEMPERATURE FIGURE7,BREAKDOWNVOLTAGEvsTEMPERATURE T J, JUNCTION TEMPERATURE (°C) T C, CASE TEMPERATURE (°C) FIGURE8,ON-RESISTANCEvs.TEMPERATURE FIGURE9,THRESHOLDVOLTAGEvsTEMPERATURE 6V 6.5V 0 5 10 15 20 25 30 0 1 2 3 4 5 6 7 0 5 10 15 20 25 30 35 40 25 50 75 100 125 150 -50 -25 0 25 50 75 100 125 150 -50 -25 0 25 50 75 100 125 150 -50 -25 0 25 50 75 100 125 150 NORMALIZED TO V GS = 10V @ 11.9A 60 50 40 30 20 10 0 25 20 15 10 5 0 3.0 2.5 2.0 1.5 1.0 0.5 0 60 50 40 30 20 10 0 1.40 1.30 1.20 1.10 1.00 0.90 0.80 1.15 1.10 1.05 1.00 0.95 0.90 1.2 1.1 1.0 0.9 0.8 0.7 0.6 I D = 11.9A V GS = 10V 0.259 0.341 0.00500 0.135 Power (watts) RC MODEL Junction temp. ( ”C) Case temperature |