Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HRPS Arkusz danych(PDF) 1 Page - Littelfuse

Numer części HRPS
Szczegółowy opis  Dedicated - Delay-on-Break
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LITTELFUSE [Littelfuse]
Strona internetowa  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

HRPS Arkusz danych(HTML) 1 Page - Littelfuse

  HRPS Datasheet HTML 1Page - Littelfuse HRPS Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
www.littelfuse.com/
Rev: 1-A-062216
Time Delay Relays
Dedicated - Delay-on-Break
www.littelfuse.com/hrps-hris
HRPS / HRIS SERIES
Description
The HRPS/HRIS Series combines an electromechanical relay
output with microcontroller timing circuitry. It is a factory
programmed module available in any 1 of 13 standard functions.
It offers 12 to 240V operation in two universal ranges and factory
fixed, onboard, or external adjustable time delays with a repeat
accuracy of ±0.5%. The output contact rating allows for direct
operation of heavy loads, such as compressors, pumps, blower
motors, heaters, etc. This series is ideal for OEM applications
where cost is a factor. The HRPS has non-isolated SPDT relay
contacts, and the HRIS has isolated SPDT relay contacts. Both
offer the most popular timer functions in the industry.
Operation (Interval)
Upon application of input voltage, the time delay begins. The
output (relay or solid state) energizes during the time delay. At
the end of time delay the output de-energizes and remains
de-energized until input voltage is removed.
Reset: Removing input voltage resets the time delay and output.
Features & Benefits
FEATURES
BENEFITS
Microcontroller based
Repeat Accuracy + / - 0.5% ,
factory calibration +/- 2%
Compact design
Allows flexiblility for OEM applications
30A, SPDT, Normally
Open output contacts
Allows for direct operation of heavy loads
Encapsulated
Protects against shock, vibration, and humidity
L1
N/L2
HRPS
Relay contacts are
non-isolated.
L1
N/L2
HRIS
Relay contacts
are isolated.
S1 = Initiate Switch
UTL = Untimed Load (optional)
NO = Normally Open
NC = Normally Closed
C = Common
A knob, or terminals 4 & 5 are
only included on adjustable
units. R
T is used when external
adjustment is ordered.
S1 = Initiate Switch
UTL = Untimed Load (optional)
NO = Normally Open
NC = Normally Closed
C = Common
A knob, or terminals 4 & 5 are
only included on adjustable
units. R
T is used when external
adjustment is ordered.
Wiring Diagram
Ordering Information
MODEL
INPUT VOLTAGE
ADJUST. TIME
DELAY
FUNCTION
HRISW21FT 24 - 240VAC/24 - 110VDC Onboard 0.1 - 10s Alternating
HRISW27I
24 - 240VAC/24 - 110VDC Onboard 0.1 - 10h Interval
HRPSD12HI 12 - 48VDC
Fixed
2h
Interval
HRISW25B
24 - 240VAC/24 - 110VDC Onboard 1 - 100m Delay on
break
If you don’t find the part you need, call us for a custom product 800-843-8848


Podobny numer części - HRPS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Apex Electronics Co., L...
HRPS APEX-ELECTRONICS-HRPS Datasheet
491Kb / 2P
Pushbutton switch, right angle, illumination
HRPS0002 APEX-ELECTRONICS-HRPS0002 Datasheet
491Kb / 2P
Pushbutton switch, right angle, illumination
HRPS0012 APEX-ELECTRONICS-HRPS0012 Datasheet
491Kb / 2P
Pushbutton switch, right angle, illumination
HRPS00A APEX-ELECTRONICS-HRPS00A Datasheet
491Kb / 2P
Pushbutton switch, right angle, illumination
HRPS00B APEX-ELECTRONICS-HRPS00B Datasheet
491Kb / 2P
Pushbutton switch, right angle, illumination
More results

Podobny opis - HRPS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
KRDB LITTELFUSE-KRDB Datasheet
524Kb / 2P
Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
KRPS LITTELFUSE-KRPS Datasheet
486Kb / 2P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
KSDB LITTELFUSE-KSDB Datasheet
514Kb / 2P
Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
KSPS LITTELFUSE-KSPS Datasheet
531Kb / 3P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
MSM LITTELFUSE-MSM Datasheet
177Kb / 2P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
ORB LITTELFUSE-ORB Datasheet
455Kb / 2P
Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
TSDB LITTELFUSE-TSDB Datasheet
514Kb / 2P
Time Delay Relays - Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
THDB LITTELFUSE-THDB Datasheet
403Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
TRB LITTELFUSE-TRB Datasheet
355Kb / 2P
Time Delay Relays / DEDICATED - DELAY-ON-BREAK
2021 Rev: 1-B-030121
TDB LITTELFUSE-TDB Datasheet
386Kb / 2P
DELAY-ON-BREAK
2021 Rev: 1-B-030121
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com