Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CMX90G302QF-R330 Arkusz danych(PDF) 5 Page - CML Microcircuits

Numer części CMX90G302QF-R330
Szczegółowy opis  CMX90G302 1.4 – 7.1GHz Positive Gain-Slope Amplifier 2dB
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CMLMICRO [CML Microcircuits]
Strona internetowa  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX90G302QF-R330 Arkusz danych(HTML) 5 Page - CML Microcircuits

  CMX90G302QF-R330 Datasheet HTML 1Page - CML Microcircuits CMX90G302QF-R330 Datasheet HTML 2Page - CML Microcircuits CMX90G302QF-R330 Datasheet HTML 3Page - CML Microcircuits CMX90G302QF-R330 Datasheet HTML 4Page - CML Microcircuits CMX90G302QF-R330 Datasheet HTML 5Page - CML Microcircuits CMX90G302QF-R330 Datasheet HTML 6Page - CML Microcircuits CMX90G302QF-R330 Datasheet HTML 7Page - CML Microcircuits CMX90G302QF-R330 Datasheet HTML 8Page - CML Microcircuits CMX90G302QF-R330 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1.4 - 7.1 GHz Positive Gain Slope Amplifier +2dB
CMX90G302
www.cmlmicro.com
Page 5
D/90G302/3 September 2022
Typical Performance
The following plots show typical performance characteristics of CMX90G302 measured on the evaluation board (Part
Number EV90G302). Board losses have been de-embedded from the measurement results using the through line that
is included on the EV90G302.
Test conditions unless otherwise noted:-
Vd = Ven = 5.0 V, Ta = 25 ˚C, Z0 = 50 Ω
Figure 1: Small Signal Gain Vd = Ven = 5.0V
Figure 2: Noise Figure Vd = Ven = 5.0V
Figure 3: P1dB Vd = Ven = 5.0V
Figure 4: OIP3 Vd = Ven = 5.0V
Figure 5: Id @ P1dB Vd = Ven = 5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16