Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NJM2901C Arkusz danych(PDF) 3 Page - New Japan Radio

Numer części NJM2901C
Szczegółowy opis  SINGLE-SUPPLY QUAD COMPARATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NJRC [New Japan Radio]
Strona internetowa  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2901C Arkusz danych(HTML) 3 Page - New Japan Radio

  NJM2901C Datasheet HTML 1Page - New Japan Radio NJM2901C Datasheet HTML 2Page - New Japan Radio NJM2901C Datasheet HTML 3Page - New Japan Radio NJM2901C Datasheet HTML 4Page - New Japan Radio NJM2901C Datasheet HTML 5Page - New Japan Radio NJM2901C Datasheet HTML 6Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NJM2901C / NJM2901CA
- 3 -
ver.06
■ TYPICAL CHARACTERISTICS
0.0
0.4
0.8
1.2
1.6
2.0
0
10
20
30
40
Supply Voltage V+ [V]
Supply Current vs. Supply Voltage
V-=0V, VIN+=0V, VIN-=0V, RL=Open
Ta=-40ºC
Ta=25ºC
Ta=125ºC
0
0.4
0.8
1.2
1.6
2
-75 -50 -25
0
25
50
75 100 125 150
Ambient Temperature [ºC]
Supply Current vs. Temperature
V-=0V, VIN+=0V, VIN-=0V, RL=Open
V+=30V
V+=5V
V+=2V
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
10
20
30
40
Supply Voltage V+ [V]
Input Offset Voltage vs. Supply Voltage
V-=0V, VCOM=1.4V, VOUT=1.4V, RL=15kΩ
Ta=-40ºC
Ta=25ºC
Ta=125ºC
-5
-4
-3
-2
-1
0
1
2
3
4
5
-75 -50 -25
0
25
50
75 100 125 150
Ambient Temperature [ºC]
Input Offset Voltage vs. Temperature
V-=0V, VCOM=1.4V, VOUT=1.4V, RL=15kΩ
V+=30V
V+=5V
V+=2V
-150
-100
-50
0
50
100
150
-75 -50 -25
0
25
50
75 100 125 150
Ambient Temperature [ºC]
Input Bias Current vs. Temperature
V-=0V, VCOM=0V
V+=30V
V+=5V
V+=2V
-5
-4
-3
-2
-1
0
1
2
3
4
5
-5
0
5
10
15
20
25
30
Common-Mode Input Voltage [V]
Input Offset Voltage
vs. Common-Mode Input Voltage
V+=30V, V-=0V,
Ta=25ºC
Ta=125ºC
Ta=-40ºC



Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com