Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

VS-U5FX300FA60 Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części VS-U5FX300FA60
Szczegółowy opis  FRED Pt® Gen 5 Hyperfast Rectifier Diode, 600 V, 300 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-U5FX300FA60 Arkusz danych(HTML) 1 Page - Vishay Siliconix

  VS-U5FX300FA60 Datasheet HTML 1Page - Vishay Siliconix VS-U5FX300FA60 Datasheet HTML 2Page - Vishay Siliconix VS-U5FX300FA60 Datasheet HTML 3Page - Vishay Siliconix VS-U5FX300FA60 Datasheet HTML 4Page - Vishay Siliconix VS-U5FX300FA60 Datasheet HTML 5Page - Vishay Siliconix VS-U5FX300FA60 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
VS-U5FX300FA60
www.vishay.com
Vishay Semiconductors
Revision: 19-May-2022
1
Document Number: 96944
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FRED Pt® Gen 5
Hyperfast Rectifier Diode, 600 V, 300 A
FEATURES
• Hyperfast and optimized Qrr
• Best in class forward voltage drop and switching
losses trade off
• Optimized for high speed operation
• 175 °C maximum operating junction temperature
• Electrically isolated base plate
• Large creepage distance between terminal
• Simplified mechanical designs, rapid assembly
• Designed and qualified for industrial level
• UL approved file E78996
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
DESCRIPTION / APPLICATIONS
Featuring a unique combination of low conduction and
switching losses, the VS-U5FX300FA60 is the right choice
for high frequency converters, both soft switched / resonant.
The semiconductor in the SOT-227 package is isolated from
the copper base plate, allowing for common heatsinks and
compact assemblies to be built.
These modules are specifically designed to improve
efficiency of PFC and output rectification stages of EV / HEV
battery charging stations, booster stage of solar inverters,
and UPS applications, these devices are perfectly matched
to operate with MOSFETs or high speed IGBTs.
PRIMARY CHARACTERISTICS
VR
600 V
VF (typical) at 150 A, per diode
1.6 V
trr (typical) at 150 A, per diode
72 ns
IF(DC) per module at TC = 80 °C
300 A
Type
Modules - diode, FRED Pt®
Package
SOT-227
Circuit configuration
Two separate diodes,
parallel pin-out
SOT-227
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
MAX.
UNITS
Cathode to anode voltage
VR
600
V
Continuous forward current per diode
IF
TC = 80 °C
150
A
Single pulse forward current per diode
IFSM
TJ = 25 °C
1035
Maximum power dissipation per module
PD
TC = 80 °C
529
W
RMS isolation voltage
VISOL
Any terminal to case, t = 1 min
2500
V
Operating junction and storage temperature range
TJ, TStg
-55 to +175
°C
ELECTRICAL SPECIFICATIONS (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Cathode to anode breakdown voltage
VBR
IR = 200 μA
600
-
-
V
Forward voltage
VFM
IF = 150 A
-
1.6
2.2
IF = 150 A, TJ = 150 °C
-
1.31
-
Reverse leakage current
IRM
VR = 600 V
-
0.3
100
μA
TJ = 125 °C, VR = 600 V
-
77
-
TJ = 150 °C, VR = 600 V
-
343
-


Podobny numer części - VS-U5FX300FA60

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
VS-U5FX300FA60 VISHAY-VS-U5FX300FA60 Datasheet
160Kb / 6P
FRED Pt® Gen 5 Hyperfast Rectifier Diode, 600 V, 300 A
19-May-2022
VS-U5FX300FA60 VISHAY-VS-U5FX300FA60_V01 Datasheet
160Kb / 6P
FRED Pt® Gen 5 Hyperfast Rectifier Diode, 600 V, 300 A
19-May-2022
More results

Podobny opis - VS-U5FX300FA60

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
VS-U5FH300FA60 VISHAY-VS-U5FH300FA60_V01 Datasheet
161Kb / 6P
FRED Pt® Gen 5 Ultrafast Rectifier Diode, 600 V, 300 A
19-May-2022
VS-U5FX120FA120 VISHAY-VS-U5FX120FA120_V01 Datasheet
137Kb / 5P
FRED Pt® Gen 5 Hyperfast Rectifier Diode, 1200 V, 120 A
19-May-2022
VS-U5FX120FA60 VISHAY-VS-U5FX120FA60_V01 Datasheet
161Kb / 6P
FRED Pt® Gen 5 Hyperfast Rectifier Diode, 600 V, 120 A
19-May-2022
VS-U5FX150FA60 VISHAY-VS-U5FX150FA60_V01 Datasheet
162Kb / 6P
FRED Pt® Gen 5 Hyperfast Rectifier Diode, 600 V, 150 A
19-May-2022
VS-U5FX240FA120 VISHAY-VS-U5FX240FA120_V01 Datasheet
163Kb / 6P
FRED Pt® Gen 5 Hyperfast Rectifier Diode, 1200 V, 240 A
19-May-2022
VS-U5FX300FA60 VISHAY-VS-U5FX300FA60_V01 Datasheet
160Kb / 6P
FRED Pt® Gen 5 Hyperfast Rectifier Diode, 600 V, 300 A
19-May-2022
VS-U5FX60FA120 VISHAY-VS-U5FX60FA120_V01 Datasheet
161Kb / 6P
FRED Pt® Gen 5 Hyperfast Rectifier Diode, 1200 V, 60 A
19-May-2022
VS-U5FX60FA60 VISHAY-VS-U5FX60FA60_V01 Datasheet
161Kb / 6P
FRED Pt® Gen 5 Hyperfast Rectifier Diode, 600 V, 60 A
19-May-2022
VS-VS5HD300CW60 VISHAY-VS-VS5HD300CW60_V01 Datasheet
136Kb / 6P
FRED Pt® Gen 5, Ultrafast Rectifier Diode, 600 V, 300 A
08-Feb-2022
VS-VS5HD600CW60 VISHAY-VS-VS5HD600CW60_V01 Datasheet
136Kb / 6P
FRED Pt® Gen 5, Ultrafast Rectifier Diode, 600 V, 600 A
08-Feb-2022
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com