Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL70 Arkusz danych(PDF) 4 Page - 3M Electronics

Numer części TL70
Szczegółowy opis  Scotch-WeldTM Threadlocker Anaerobic Adhesives
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  3M [3M Electronics]
Strona internetowa  http://www.3m.com
Logo 3M - 3M Electronics

TL70 Arkusz danych(HTML) 4 Page - 3M Electronics

  TL70 Datasheet HTML 1Page - 3M Electronics TL70 Datasheet HTML 2Page - 3M Electronics TL70 Datasheet HTML 3Page - 3M Electronics TL70 Datasheet HTML 4Page - 3M Electronics TL70 Datasheet HTML 5Page - 3M Electronics TL70 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3MTM Scotch-WeldTM
Threadlocker Anaerobic Adhesives
TL22 • TL42 • TL43 • TL62 • TL70 • TL71 • TL72 • TL77 • TL90
Handling
Information
Directions for Use:
3MTM Scotch-WeldTM Threadlocker Anaerobic Adhesives are not recommended
for use on most plastics due to potential cracking of plastic parts. Also, they are
not recommended for use in piping systems that contain pure oxygen or an
oxygen-rich environment, chlorine, or strong oxidizing substances.
For Assembly:
1.
Ensure parts are clean, dry and free from oil, grease and dirt. For best results,
clean and dry parts with solvent or 3MTM Scotch-WeldTM Activator. (Activator
can also be used on inactive surfaces or to accelerate the cure on active surfaces.)
2.
If not sure of surface type, always use activator. Refer to Material surface
Activity and Cure Speed section for more information.
3.
Shake the adhesive bottle well before use.
4.
Avoid touching the metal surfaces with the bottle tip since the metal ions may
react with the adhesive upon contact and eventually may clog the bottle tip.
5.
Apply adhesive onto the threaded part where the contact area will be in the final
assembly. For larger parts, use more adhesive and rotate the threaded part to
spread adhesive evenly around contact area.
6. For through holes, apply several drops of adhesive onto the bolt at the nut
engagement area. For blind holes, apply several drops of the adhesive down the
internal threads to the bottom of the hole.
7. Assemble the nut / fastener and tighten as required.
8. Allow assemblies to set for sufficient time so that handling strength or full
cure will occur before further processing or testing
For Disassembly:
1. Loosen or remove with regular hand tools.
2. If hand tools do not work due to the assembled parts being well tightened,
apply localized heat (approx.. 400oF / 254oC) to the nut or bolt and
disassemble while parts are still hot. Use extreme caution when working
with heat sources (e.g. heat gun, flames, etc.)



Html Pages

1 2 3 4 5 6