| Zakładka z wyszukiwarką danych komponentów |
|
LARA-R6401-00B Arkusz danych(PDF) 39 Page - u-blox AG |
|
|
|||||||||||||||||||||||||||||
LARA-R6401-00B Arkusz danych(HTML) 39 Page - u-blox AG |
|
39 / 41 page ![]() LARA-R6 series - Data sheet UBX-21004391 - R09 Appendix Page 39 of 41 C1-Public Abbreviation Definition IMS IP Multimedia Subsystem IP Internet Protocol ISED Innovation, Science and Economic Development (Canada) KC Korea Certification KMS Key Management Service LGA Land Grid Array LPWA Low Power Wide Area LTE Long Term Evolution LWM2M Open Mobile Alliance Lightweight Machine-to-Machine protocol MNO Mobile Network Operator MQTT Message Queuing Telemetry Transport MUX Multiplexer N/A Not Applicable NCC National Communications Commission (Taiwan) PA Power Amplifier PCB Printed Circuit Board PD Pull-Down PDP Packet Data Protocol POS Power-On Input Signal PMU Power Management Unit PSM Power Saving Mode PTCRB PCS Type Certification Review Board PU Pull-Up QPSK Quadrature Phase-Shift Keying modulation RAT Radio Access Technology RCM Regulatory Compliance Mark REST API Representational State Transfer Application Programming Interface RFC Request for Comments RMC Reference Measurement Channel RTC Real Time Clock Rx Receiver SIM Subscriber Identification Module TCP Transmission Control Protocol TDD Time Division Duplexing TEE Trusted Execution Environment TLS Transport Layer Security Tx Transmitter UART Universal Asynchronous Receiver/Transmitter serial interface UDP User Datagram Protocol uFOTA u-blox Firmware update Over The Air UL Up-link (Transmission) UMTS Universal Mobile Telecommunications System USB Universal Serial Bus VoLTE Voice over LTE Table 40: Explanation of the abbreviations and terms used |