| Zakładka z wyszukiwarką danych komponentów |
|
A720 Arkusz danych(PDF) 9 Page - Kemet Corporation |
|
|
|||||||||||||||||||||||||||||
A720 Arkusz danych(HTML) 9 Page - Kemet Corporation |
|
9 / 15 page ![]() 9 © KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard T2078_A720 • 7/26/2022 Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com 9 Aluminum Organic Capacitor (AO-CAP) A720 Polymer Aluminum Construction Leadframe (− Cathode) Leadframe (+ Anode) Molded Epoxy Case Molded Epoxy Case Silver Epoxy Detailed Element Layer View Polarity Stripe (+) Capacitor Marking Polarity Indicator (+) Rated Voltage Picofarad Code KEMET ID Date Code* * M07 = 7th week of 2022 M07 2V Date Code * Year Week I = 2018 J = 2019 K = 2020 L = 2021 M = 2022 N = 2023 01 = 1st week of the year to 52 = 52nd week of the year |