Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IHA101EB Arkusz danych(PDF) 2 Page - Vishay Siliconix

Numer części IHA101EB
Szczegółowy opis  Filter Inductors, High Current, Axial Leaded
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IHA101EB Arkusz danych(HTML) 2 Page - Vishay Siliconix

  IHA101EB Datasheet HTML 1Page - Vishay Siliconix IHA101EB Datasheet HTML 2Page - Vishay Siliconix IHA101EB Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
IHA
www.vishay.com
Vishay Dale
Revision: 07-Aug-12
2
Document Number: 34014
For technical questions, contact: magnetics@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IHA-201
27
± 10 %
0.060
3700
IHA-202
50
± 10 %
0.085
3100
IHA-203
100
± 10 %
0.120
2700
IHA-204
250
± 10 %
0.200
2400
IHA-205
500
± 10 %
0.320
2300
IHA-301
5
± 10 %
0.015
6800
IHA-302
10
± 10 %
0.021
6100
IHA-303
27
± 10 %
0.040
4800
IHA-304
50
± 10 %
0.050
4300
IHA-305
100
± 10 %
0.070
4200
IHA-501
5
± 10 %
0.010
9300
IHA-502
10
± 10 %
0.015
8300
IHA-503
27
± 10 %
0.030
6500
IHA-504
50
± 10 %
0.040
6100
IHA-505
100
± 10 %
0.060
5900
MARKING
- Vishay Dale
- Model
- Date code
ORDERING INFORMATION
IHA-101
50 μH
± 10 %
EB
e2
MODEL
INDUCTANCE VALUE
INDUCTANCE TOLERANCE
PACKAGE CODE
JEDEC LEAD (Pb)-FREE STANDARD
GLOBAL PART NUMBER
IH
A
1
0
1
E
B
MODEL
PACKAGE
CODE
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
IND. AT 1 kHz (μH)
TOL. (%)
DCR MAX. (
)
RATED DC CURRENT (mA)



Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com