Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

QSFP-4X10G-AOC3M-C Arkusz danych(PDF) 7 Page - ATGBICS by Approved Technology

Numer części QSFP-4X10G-AOC3M-C
Szczegółowy opis  QSFP-4X10G-AOC3M Cisco Compatible Active Optical Breakout Cable 40G QSFP to 4x10G SFP (3m)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATGBICS [ATGBICS by Approved Technology]
Strona internetowa  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

QSFP-4X10G-AOC3M-C Arkusz danych(HTML) 7 Page - ATGBICS by Approved Technology

Back Button QSFP-4X10G-AOC3M-C Datasheet HTML 3Page - ATGBICS by Approved Technology QSFP-4X10G-AOC3M-C Datasheet HTML 4Page - ATGBICS by Approved Technology QSFP-4X10G-AOC3M-C Datasheet HTML 5Page - ATGBICS by Approved Technology QSFP-4X10G-AOC3M-C Datasheet HTML 6Page - ATGBICS by Approved Technology QSFP-4X10G-AOC3M-C Datasheet HTML 7Page - ATGBICS by Approved Technology QSFP-4X10G-AOC3M-C Datasheet HTML 8Page - ATGBICS by Approved Technology QSFP-4X10G-AOC3M-C Datasheet HTML 9Page - ATGBICS by Approved Technology QSFP-4X10G-AOC3M-C Datasheet HTML 10Page - ATGBICS by Approved Technology QSFP-4X10G-AOC3M-C Datasheet HTML 11Page - ATGBICS by Approved Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_QSFP-4X10G-AOC3M-C_V1
Page 7 of 18
Product Datasheet
Pin Assignment
Pin
Symbol
Name/Description
Notes
1
GND
Ground
1
2
Tx2n
Transmitter Inverted Data Input
3
Tx2p
Transmitter Non- Inverted Data Input
4
GND
Ground
1
5
Tx4n
Transmitter Inverted Data Input
6
Tx4p
Transmitter Non- Inverted Data Input
7
GND
Ground
1
8
ModSelL
Module Select
2
9
ResetL
Module Reset
2
10
Vcc Rx
+3.3 V Power supply receiver
11
SCL
2-wire serial interface clock
2
12
SDA
2-wire serial interface data
2
13
GND
Ground
1
14
Rx3p
Receiver Non- Inverted Data Output
15
Rx3n
Receiver Inverted Data Output
16
GND
Ground
1
17
Rx 1p
Receiver Non- Inverted Data Output
18
Rx 1n
Receiver Inverted Data Output
19
GND
Ground
1
20
GND
Ground
21
Rx2n
Receiver Inverted Data Output
22
Rx2p
Receiver Non- Inverted Data Output
23
GND
Ground
1
24
Rx4n
Receiver Inverted Data Output
25
Rx4p
Receiver Non- Inverted Data Output
26
GND
Ground
1
27
ModPrsL
Module Present
28
IntL
Interrupt
2
29
Vcc Tx
+3.3 V Power supply transmitter
30
Vcc1
+3.3 V Power Supply
31
LPMode
Low Power Mode
2
32
GND
Ground
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com