| Zakładka z wyszukiwarką danych komponentów |
|
CTVP02R Arkusz danych(PDF) 13 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
CTVP02R Arkusz danych(HTML) 13 Page - Amphenol Corporation |
|
13 / 54 page ![]() 11 CONTACT LEGEND Tri-Start insert arrangements Insert Arrangment 21-39 21-41 21-75 21-79 Service Rating I I M II Number of Contacts 37 2 41 4 17 2 Contact Size 20 16 20 8 Twinax 22D 8 Coax Insert Arrangement 23-6 23-14 23-21 23-35 Service Rating M I II M Number of Contacts 6 14 21 100 Contact Size 8 Twinax 12 16 22D front face of pin inserts illustrated Insert Arrangement 23-53 23-54 23-55 Service Rating I M I Number of Contacts 53 40 9 4 55 Contact Size 20 22D 16 12 20 A B C D E F G H J K L M N P R S T U V W X Y Z a b c d e f g h i j k m n p q r A B C D E F G H J K L M N P R S T U V W X Y Z a b c d e f g h i j k m n p q r s t A B C D A T B S C R D P E N MF LG H K J V U A B C D E F A B K C J L P M N D H E G F A B C D E F G H J K L M P R S N T U V W X 1 2 3 4 5 6 7 8 15 16 24 25 34 35 45 46 55 56 66 67 76 77 85 86 93 94 95 96 97 98 99 100 A B C D E F G H J K L M N P R S T U V W X Y Z a b c d e f g h k m n p q r s t A B u v w x y z A B C C D D E E FF G G HH 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 A B C D E F G H J K L M N P R S T U V W X Y Z a b c d e f g h i j k m n p q r s t v w x y z AA BB C C u D D E E FF G G HH 8 10 12 16 20 22D |