| Zakładka z wyszukiwarką danych komponentów |
|
TV07R Arkusz danych(PDF) 31 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
TV07R Arkusz danych(HTML) 31 Page - Amphenol Corporation |
|
31 / 54 page ![]() 29 D38999/29 & D38999/30 TV Breakaway Fail Safe lanyard release plug insert availability, how to order Contact Size Insert Service Total 22D 20 16 12 12 8 8 Arrangement Rating Contacts Coax Coax* Twinax 11-2 I 2 2 11-35 M 13 13 11-98 I 6 6 13-4 I 4 4 13-8 I 8 8 13-35 M 22 22 13-98 I 10 10 15-5 II 5 5 15-15 I 15 14 1 15-18 I 18 18 15-19 I 19 19 15-35 M 37 37 15-97 I 12 8 4 17-6 I 6 6 17-8 II 8 8 17-26 I 26 26 17-35 M 55 55 17-99 I 23 21 2 19-11 II 11 11 19-32 I 32 32 19-35 M 66 66 21-11 I 11 11 21-16 II 16 16 21-35 M 79 79 21-39 I 39 37 2 21-41 I 41 41 23-21 II 21 21 23-35 M 100 100 23-53 I 53 53 23-54 M 53 40 9 4 23-55 I 55 55 25-4 I 56 48 8 25-19 I 19 19 25-20 N 30 10 13 4 3 25-24 I 24 12 12 25-29 I 29 29 25-35 M 128 128 25-43 I 43 23 20 25-46 I 46 40 4 2* 25-61 I 61 61 INSERT AVAILABILITY * For RG 180/U and RG 195/U cables only. (Check Amphenol, Sidney, NY for other cable applications. For availability of other insert arrange- ments consult Amphenol, Sidney, NY. For accessories for lanyard release plugs see page 33. TABLE II LANYARD LENGTH CODES Basic MIL-DTL-38999 Part Insert Number Arrangement 88/91-556508 11-2 06 11-35 07 11-98 10 13-4 11 13-8 13 13-98 14 13-35 18 15-5 23 15-15 22 15-18 19 15-19 20 15-35 27 17-6 28 17-8 29 17-26 30 17-35 31 17-99 37 19-11 39 19-32 40 19-35 47 21-11 48 21-16 49 21-35 50 21-41 51 21-39 57 23-21 58 23-35 59 23-53 61 23-54 60 23-55 66 25-19 74 25-20 67 25-29 68 25-35 69 25-43 70 25-61 71 25-4 72 25-24 Lanyard Lanyard Lanyard Length Length (in.) Length (mm) Code For ± .236 ± 6.0 Part Number 4.016 102 A 4.528 115 B 5.000 127 C 5.512 140 D 6.024 153 E 6.535 166 F 7.008 178 G 7.520 191 H 7.992 203 I 8.503 216 J 9.016 229 K 9.528 242 L 10.000 254 M 10.512 267 N 11.024 280 P 11.535 293 R 12.008 305 S 12.520 318 T 13.031 331 U 14.016 356 V 15.000 381 W 16.024 407 X 17.008 432 Y 18.031 458 Z TABLE I INSERT ARRANGEMENT CODE Tri-Start Lanyard Separation Forces Shell Straight Pull 15 Degree Pull Size (lbs. max.) (lbs. max.) 11 13 45 55 15 17 19 21 90 100 23 25 |