| Zakładka z wyszukiwarką danych komponentów |
|
STM32H757AI Arkusz danych(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32H757AI Arkusz danych(HTML) 19 Page - STMicroelectronics |
|
19 / 251 page ![]() DS12931 Rev 1 19/251 STM32H757xI Description 55 Compatibility throughout the family STM32H757xI devices are not pin-to-pin compatible with STM32H7x3 devices (single core line): • The TFBGA240+25 ballout is compatible with STM32H7x3 devices, except for a few I/O balls as shown in Figure 2. • LQFP208 and LQFP176 pinouts, as well as UFBGA176+25 ballout are not compatible with STM32H7x3 devices. Figure 2. TFBGA240+25 ball assignment differences 1. The balls highlighted in gray correspond to different signals on STM32H757xI and STM32H7x3 devices. MSv48802V2 VDD SMPS STM32H7x7 STM32H7x3 VLX SMPS VSS SMPS VFB SMPS NC PI9 PF2 NC NC NC 123456789 10 11 12 13 14 15 16 17 A VSS PI6 PI5 PI4 PB5 VDDLDO VCAP PK5 PG10 PG9 PD5 PD4 PC10 PA15 PI1 PI0 VSS B VBAT VSS PI7 PE1 PB6 VSS PB4 PK4 PG11 PJ15 PD6 PD3 PC11 PA14 PI2 PH15 PH14 C PC15- OSC32_ OUT PC14- OSC32_ IN PE2 PE0 PB7 PB3 PK6 PK3 PG12 VSS PD7 PC12 VSS PI3 PA13 VSS VDDLDO D PE5 PE4 PE3 PB9 PB8 PG15 PK7 PG14 PG13 PJ14 PJ12 PD2 PD0 PA10 PA9 PH13 VCAP E PI9 PC13 PI8 PE6 VDD PDR _ON BOOT0 VDD PJ13 VDD PD1 PC8 PC9 PA8 PA12 PA11 F PI10 PI11 VDD PC7 PC6 PG8 PG7 VDD33 USB G PF2 PF1 PF0 VDD VSS VSS VSS VSS VSS VDD PG5 PG6 VSS VDD5 USB H PI12 PI13 PI14 PF3 VDD VSS VSS VSS VSS VSS VDD PG4 PG3 PG2 PK2 J PH1- OSC_ OUT PH0- OSC_ IN VSS PF5 PF4 VSS VSS VSS VSS VSS VDD PK0 PK1 VSS DSI VSSDSI K NRST PF6 PF7 PF8 VDD VSS VSS VSS VSS VSS VDD PJ11 L VDDA PC0 PF10 PF9 VDD VSS VSS VSS VSS VSS VDD PJ10 M VREF+ PC1 PC2 PC3 VDD VDD PJ9 N VREF- PH2 PA2 PA1 PA0 PJ0 VDD VDD PE10 VDD VDD VDD PJ8 PJ7 PJ6 VSS P VSSA PH3 PH4 PH5 PI15 PJ1 PF13 PF14 PE9 PE11 PB10 PB11 PH10 PH11 PD15 PD14 R PC2_C PC3_C PA6 VSS PA7 PB2 PF12 VSS PF15 PE12 PE15 PJ5 PH9 PH12 PD11 PD12 PD13 T PA0_C PA1_C PA5 PC4 PB1 PJ2 PF11 PG0 PE8 PE13 PH6 VSS PH8 PB12 PB15 PD10 PD9 U VSS PA3 PA4 PC5 PB0 PJ3 PJ4 PG1 PE7 PE14 VCAP VDDLDO PH7 PB13 PB14 PD8 VSS VSSDSI PI9 PF2 VSSDSI DSI_CKP DSI_CKN DSI_D0N DSI_D1P DSI_D1N VSS VDDCAP DSI PJ6 PD14 VDDDSI PD15 PI9 PF2 VSSDSI DSI_D0P VSS PI9 PF2 VSS NC NC NC NC NC VSS NC PJ6 PD14 VDD PD15 VSS NC |