| Zakładka z wyszukiwarką danych komponentów |
|
ARA2000 Arkusz danych(PDF) 12 Page - ANADIGICS, Inc |
|
|
|||||||||||||||||||||||||||||
ARA2000 Arkusz danych(HTML) 12 Page - ANADIGICS, Inc |
|
12 / 20 page ![]() 12 Data Sheet - Rev 2.2 06/2004 ARA2000 DATA CLOCK ENABLE ENABLE OR D 15: MSB D 14 D 8 D 7 D 1 D 0: LSB Table 6: Programming Word LOGIC PROGRAMMING Table 7: Data Description Figure 17: Serial Data Input Timing E U L A V N O I T C N U F ) s s a p y b = 0 , n o = 1 ( 7 PA / N 6 PA / N 5 Pt i B r o t a u n e t t A B d 2 3 4 Pt i B r o t a u n e t t A B d 6 1 3 Pt i B r o t a u n e t t A B d 8 2 Pt i B r o t a u n e t t A B d 4 1 Pt i B r o t a u n e t t A B d 2 0 Pt i B r o t a u n e t t A B d 1 Table 8: Device Address O T T U P N I L E V E L C I G O L E C I V E D S S E R D D A 1 C 0 C ) 1 C ( 6 1 n i P ) 0 C ( 5 1 n i P 00 0 0 10 1 0 01 0 1 11 1 1 T I B A T A D D 5 1 D 4 1 D 3 1 D 2 1 D 1 1 D 0 1 D 9 D 8 D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 e u l a V 7 P6 P5 P4 P3 P2 P1 P0 P 000 1 1 C0 C1 1 Programming Instructions The programming word is set through a 16 bit shift register via the data, clock and enable lines. The data is entered in order with the most significant bit (MSB) first and the least significant bit (LSB) last. The enable line must be low for the duration of the data entry, then set high to latch the shift register. The rising edge of the clock pulse shifts each data value into the register. The device is selected when the logic inputs at pins 16 and 15 match the values of data bits C1 and C0, respectively. |