Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BSV79 Arkusz danych(PDF) 1 Page - Central Semiconductor Corp

Numer części BSV79
Szczegółowy opis  N-CHANNEL SILICON JFETS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CENTRAL [Central Semiconductor Corp]
Strona internetowa  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

BSV79 Arkusz danych(HTML) 1 Page - Central Semiconductor Corp

  BSV79 Datasheet HTML 1Page - Central Semiconductor Corp BSV79 Datasheet HTML 2Page - Central Semiconductor Corp BSV79 Datasheet HTML 3Page - Central Semiconductor Corp BSV79 Datasheet HTML 4Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BSV79
BSV80
N-CHANNEL
SILICON JFETS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR BSV79 and BSV80
are silicon N-Channel JFETs designed for switching
applications.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Drain-Source Voltage
VDS
40
V
Drain-Gate Voltage
VDG
40
V
Reverse Gate-Source Voltage
VGS
40
V
Gate Current
IG
50
mA
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +175
°C
Thermal Resistance
JA
430
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
BSV79
BSV80
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
IGSS
VGS=20V, VDS=0
-
0.25
-
0.25
nA
IGSS
VGS=20V, VDS=0, TA=150°C
-
0.5
-
0.5
μA
IDSS
VDS=15V, VGS=0
20
-
10
-
mA
ID(OFF)
VDS=15V, VGS=12V
-
0.25
-
0.25
nA
ID(OFF)
VDS=15V, VGS=12V, TA=150°C
-
0.5
-
0.5
μA
VGS(OFF)
VDS=15V, ID=1.0nA
2.0
7.0
1.0
5.0
V
VGS
VDS=15V, ID=1.5μA
1.75
6.0
0.75
4.0
V
VDS(ON)
ID=10mA, VGS=0
-
400
-
-
mV
VDS(ON)
ID=5.0mA, VGS=0
-
-
-
325
mV
rds(ON)
VGS=0, ID=0, f=1.0kHz
-
40
-
60
Ω
Crss
VGS=10V, VDS=0, f=1.0MHz
-
10
-
10
pF
Ciss
VGS=10V, VDS=0, f=1.0MHz
-
5.0
-
5.0
pF
TO-18 CASE
R0 (12-December 2018)
www.centra lsemi.com


Podobny numer części - BSV79

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bellnix Co.,Ltd.
BSV BELLNIX-BSV Datasheet
585Kb / 12P
High-Speed Response Non-Isolated POL DC-DC Converter
logo
PANDUIT CORP.
BSV PANDUIT-BSV Datasheet
82Kb / 5P
Tooling Selection Guide for PANDUIT Terminals, Splices, and Disconnects
logo
Bellnix Co.,Ltd.
BSV-1.8S4R0NA BELLNIX-BSV-1.8S4R0NA Datasheet
358Kb / 12P
Small Type High-Speed Response POL DC-DC Converter
BSV-1.8S9R5HE BELLNIX-BSV-1.8S9R5HE Datasheet
361Kb / 11P
HIGH SPEED LOAD RESPONSE, OUTPUT VOLTAGE SETTING ACCURACY짹1% POL DC-DC Converter
logo
NXP Semiconductors
BSV-17 PHILIPS-BSV-17 Datasheet
58Kb / 8P
PNP medium power transistors
1997 Apr 22
More results

Podobny opis - BSV79

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
2N5432 VISHAY-2N5432 Datasheet
44Kb / 5P
N-Channel JFETs
04-Jun-01
2N4416 VISHAY-2N4416 Datasheet
103Kb / 7P
N-Channel JFETs
24-Jan-05
2N4338 VISHAY-2N4338 Datasheet
56Kb / 6P
N-Channel JFETs
04-Jun-01
2N5484 VISHAY-2N5484_07 Datasheet
108Kb / 8P
N-Channel JFETs
24-Jan-05
J107-E3 VISHAY-J107-E3 Datasheet
64Kb / 6P
N-Channel JFETs
04-Jun-01
SST4416-E3 VISHAY-SST4416-E3 Datasheet
57Kb / 7P
N-Channel JFETs
04-Jun-01
logo
Central Semiconductor C...
2N4416 CENTRAL-2N4416_15 Datasheet
1Mb / 4P
SILICON N-CHANNEL JFETS
2N5457 CENTRAL-2N5457_15 Datasheet
327Kb / 2P
SILICON N-CHANNEL JFETS
logo
Vishay Siliconix
SST4117A VISHAY-SST4117A Datasheet
74Kb / 6P
N-Channel JFETs
28-Jun-04
logo
Central Semiconductor C...
2N4091 CENTRAL-2N4091 Datasheet
355Kb / 3P
SILICON N-CHANNEL JFETS
R0 23-April 2019
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com