Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AS1104 Arkusz danych(PDF) 10 Page - ams AG

Numer części AS1104
Szczegółowy opis  Low-Dropout LED Drivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMSCO [ams AG]
Strona internetowa  http://www.ams.com
Logo AMSCO - ams AG

AS1104 Arkusz danych(HTML) 10 Page - ams AG

Back Button AS1104 Datasheet HTML 5Page - ams AG AS1104 Datasheet HTML 6Page - ams AG AS1104 Datasheet HTML 7Page - ams AG AS1104 Datasheet HTML 8Page - ams AG AS1104 Datasheet HTML 9Page - ams AG AS1104 Datasheet HTML 10Page - ams AG AS1104 Datasheet HTML 11Page - ams AG AS1104 Datasheet HTML 12Page - ams AG AS1104 Datasheet HTML 13Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
www.austriamicrosystems.com
Revision 1.3
10 - 13
AS1101, AS1102, AS1103, AS1104
austriamicrosystems
Data Sheet
Package Drawings and Markings
8.2 Package Drawings and Markings
Figure 7. SC70-6 Package
Notes:
1. All dimensions are in millimeters.
2. Dimensions are inclusive of plating.
3. Dimensions are exclusive of mold flash and metal burrs.
4. All specifications comply with JEITA SC88 and JEDEC-MO-203.
Symbol
Min
Max
e0.65 BSC
D
1.80
2.20
b
0.15
0.30
E
1.15
1.35
HE
1.80
2.40
Q1
0.10
0.40
A2
0.80
1.00
A1
0.00
0.10
A
0.80
1.10
c
0.10
0.18
L
0.10
0.30
L1
0.26
0.46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13