Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AS3682-PDM Arkusz danych(PDF) 28 Page - ams AG

Numer części AS3682-PDM
Szczegółowy opis  480mA Camera Lighting Management Unit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMSCO [ams AG]
Strona internetowa  http://www.ams.com
Logo AMSCO - ams AG

AS3682-PDM Arkusz danych(HTML) 28 Page - ams AG

Back Button AS3682-PDM Datasheet HTML 24Page - ams AG AS3682-PDM Datasheet HTML 25Page - ams AG AS3682-PDM Datasheet HTML 26Page - ams AG AS3682-PDM Datasheet HTML 27Page - ams AG AS3682-PDM Datasheet HTML 28Page - ams AG AS3682-PDM Datasheet HTML 29Page - ams AG AS3682-PDM Datasheet HTML 30Page - ams AG AS3682-PDM Datasheet HTML 31Page - ams AG AS3682-PDM Datasheet HTML 32Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
AS3682
austriamicrosystems
Data Sheet
Timing Control of CURR11, CURR12, CURR13 in Normal Mode and Soft Flash Mode
www.austriamicrosystems.com
Revision 2.21
28 - 43
Figure 17. Preview and Strobe Timing – Mode 3
TS =
Maximum Strobe Time is Unlimited
I
t
TSTROBE_SIGNAL
TS =
TSTROBE_SIGNAL
Bit preview_on (page 25)
or Pin GPIO0/P0
Bit strobe_on (page 25)
or Pin STROBE/F2
Normal Mode
Normal Mode: See Register
Current1_strobe (page 20).
Soft Flash Mode: See Regis-
ter Current1_strobe (page 23).
Normal Mode: See Register
Current1_preview (page 20).
Soft Flash Mode: See Register
Current1_preview (page 23).
Soft Flash Mode
TS =
TSTROBE_SIGNAL
TS =
TSTROBE_SIGNAL
Bit preview_on (page 25)
or Pin GPIO0/P0
Bit strobe_on (page 25)
or Pin STROBE/F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43