| Zakładka z wyszukiwarką danych komponentów |
|
STCCP27ATBR Arkusz danych(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STCCP27ATBR Arkusz danych(HTML) 7 Page - STMicroelectronics |
|
7 / 19 page ![]() STCCP27A Maximum ratings 7/19 3 Maximum ratings Table 4. Absolute maximum ratings Note: Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied. Table 5. Recommended operating conditions Symbol Parameter Value Unit VDD Main supply voltage -0.5 to 4.6 V VL Secondary supply voltage -0.5 to 4.6 V VD SubLVDS data bus input voltage (D+, D-) -0.5 to 4.6 V VCLK SubLVDS clock bus input voltage (CLK+, CLK-) -0.5 to 4.6 V VI DC input voltage (SYNC_SEL, EN) -0.5 to 4.6 V VO DC output voltage (D1-D8, H-SYNC, V-SYNC, CLK, I/OVDD) -0.5 to (VDD + 0.5) V VI/OVL DC output voltage (I/OVL) -0.5 to (VL + 0.5) V TSTG Storage temperature range -65 to +150 °C ESD Electrostatic discharge protection HBM Human body model (all pins) ±2 kV Symbol Parameter Min. Typ. Max. Unit VDD Main supply voltage 2.65 2.8 3.6 V VL Secondary supply voltage 1.65 1.8 1.95 V VID Differential level input voltage (D+, D-, CLK1+, CLK1-) 0.1 0.4 V VCM Common level input voltage (D+, D-, CLK1+, CLK1-) 0.5 0.9 1.3 V VIC Level input voltage (SYNC_SEL, EN) 3.6 V VI/OVDD Level input voltage (I/OVDD)VDD V VI/OVL Level input voltage (I/OVL)VL V RT Termination resistance (per pair differential input line) 80 100 120 Ω CL Termination capacitance (per line vs gnd pin) 10 pF TA Operating ambient temperature range -40 85 °C TJ Operating junction temperature range -40 125 °C tR, tF Rise and fall time (I/OVDD, I/OVL; 10% to 90%; 90% to 10%) 600 ns |