Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

0639042400 Arkusz danych(PDF) 1 Page - Molex Electronics Ltd.

Numer części 0639042400
Szczegółowy opis  FineAdjust Applicator for Hybrid Board-in Power Terminal for 1.00mm²
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

0639042400 Arkusz danych(HTML) 1 Page - Molex Electronics Ltd.

  0639042400 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 08/26/2022
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0639042400
Status:
Active
Overview:
Application Tooling
Description:
FineAdjust Applicator for Hybrid Board-in Power Terminal for 1.00mm²
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Application Tooling
Series
207127
Comments
See Tooling Specification (PDF) Above
Function
Crimp
Geographic Area
Global
Level of Automation
Automatic, Semi-Automatic
More Detailed Tech Information
applicationtooling@molex.com
Overview
Application Tooling
Product Name
FineAdjust
Taxonomy
Applicators and Crimp Modules
Tool Type
Applicator
UPC
191128046725
Warranty Disclaimer
CAUTION: Molex tooling crimp specifications are
valid only when used with Molex terminals and tooling
manufactured by Molex and sold by Molex or authorized
distributors ("Molex Tooling"). When using tooling
other than Molex Tooling with Molex specific connector
systems listed in our ATS documents, the Molex tooling
qualification does not apply and the responsibility for
full qualification of the connector system is that of the
customer. Molex accepts no liability for connector
performance or tooling support where tooling other
than Molex Tooling is used or where Molex Tooling is
modified.
Material Info
Reference - Drawing Numbers
Application Tooling Documents
ATS-639042400-001, TM-638000029-001,
TM-638000029CN-001, TM-638000029DE-001,
TM-638000029FR-001, TM-638000029IT-001,
TM-638000029JP-001, TM-638000029KR-001,
TM-638000029MY-001, TM-638000029PL-001,
TM-638000029RU-001, TM-638000029SK-001,
TM-638000029SP-001, TM-638000029TH-001,
TM-638000029TW-001, TM-638000029VN-001,
TM-638004900-001, TM-638004900CN-001,
TM-638004900SP-001
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
For more information, please visit Contact US
China ROHS
Not Reviewed
ELV
Not Reviewed
RoHS Phthalates
Not Reviewed
Search Parts in this Series
207127 Series
Use With
Molex TM-3000: 638017200 , 638017300
, Molex TM-4000: 638017600 , Molex
TM-2000: 638008300 , 638008400 , and
Most Industry Standard Presses or Wire
Process Machines
This document was generated on 08/26/2022
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Podobny numer części - 0639042400

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
0639042000 MOLEX-0639042000 Datasheet
34Kb / 2P
FineAdjust Applicator for SRC Connector using MX150 Receptacle Terminals, 0.50mm² CHEMINAX 2021D0309 wire
08/26/2022
0639042100 MOLEX-0639042100 Datasheet
33Kb / 2P
FineAdjust Applicator for SRC Connector using MX150 (M3) Blade Terminals, 0.50mm² CHEMINAX 2021D0309 wire
08/26/2022
0639042200 MOLEX-0639042200 Datasheet
32Kb / 1P
FineAdjust Applicator for VersaBlade .070 Male and Female Terminals, 20-22 AWG
08/26/2022
0639042300 MOLEX-0639042300 Datasheet
34Kb / 2P
FineAdjust Applicator for Micro-Lock Plus, 1.25mm (.049) Wire to Board Crimp Terminal, 26-30 AWG
08/26/2022
0639042500 MOLEX-0639042500 Datasheet
32Kb / 1P
FineAdjust Applicator for Hybrid Board-in Power Terminal for 1.50mm²
08/25/2022
More results

Podobny opis - 0639042400

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
63901-9400 MOLEX11-63901-9400 Datasheet
39Kb / 1P
FineAdjust Applicator for 1.00mm Pitch Wire-to-Board Crimp Terminal
63902-9700 MOLEX11-63902-9700 Datasheet
48Kb / 1P
FineAdjust Applicator for SolderRight In-Board Terminals
63902-9800 MOLEX11-63902-9800 Datasheet
48Kb / 1P
FineAdjust Applicator for SolderRight In-Board Terminals
63902-9900 MOLEX11-63902-9900 Datasheet
48Kb / 1P
FineAdjust Applicator for SolderRight In-Board Terminals
0639016200 MOLEX11-0639016200 Datasheet
32Kb / 1P
FineAdjust Applicator for 1.00mm Wire-to-Board Crimp Terminal
0639019400 MOLEX-0639019400 Datasheet
34Kb / 2P
FineAdjust Applicator for 1.00mm Pitch Wire-to-Board Crimp Terminal
08/25/2022
0639029700 MOLEX-0639029700 Datasheet
33Kb / 1P
FineAdjust Applicator for SolderRight In-Board Terminals
08/26/2022
0639029800 MOLEX-0639029800 Datasheet
33Kb / 1P
FineAdjust Applicator for SolderRight In-Board Terminals
08/26/2022
0639029900 MOLEX-0639029900 Datasheet
33Kb / 1P
FineAdjust Applicator for SolderRight In-Board Terminals
08/26/2022
0639042500 MOLEX-0639042500 Datasheet
32Kb / 1P
FineAdjust Applicator for Hybrid Board-in Power Terminal for 1.50mm²
08/25/2022
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com