Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CLA0330003JBEG Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części CLA0330003JBEG
Szczegółowy opis  Wire Bondable Thin Film Resistor Arrays
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CLA0330003JBEG Arkusz danych(HTML) 1 Page - Vishay Siliconix

  CLA0330003JBEG Datasheet HTML 1Page - Vishay Siliconix CLA0330003JBEG Datasheet HTML 2Page - Vishay Siliconix CLA0330003JBEG Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CLA, CLB
www.vishay.com
Vishay Electro-Films
Revision: 30-May-2022
1
Document Number: 61009
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wire Bondable Thin Film Resistor Arrays
Product may not be to scale
The CLA and CLB resistor arrays are the hybrid equivalent
to the eight resistor common connection and isolated
networks available in sips or dips. The resistors are spaced
on 0.010" centers resulting in minimal space requirements.
These chips are manufactured using Vishay Electro-Films
(EFI) sophisticated thin film equipment and manufacturing
technology. The CLA and CLBs are 100 % electrically tested
and visually inspected to MIL-STD-883.
FEATURES
• Wire bondable
• Up to 12 equal value resistors
• For case see Part Dimensions table
• Resistance range: 20
Ω to 1 MΩ
• Excellent TCR tracking
• Resistor material:
tantalum nitride, self-passivating
• Oxidized silicon substrate for good power
dissipation
• Custom values and pad geometries available
• Moisture resistant
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
The CLA and CLB thin film resistor arrays are designed for
hybrid packages requiring up to twelve resistors of the same
resistance value and tolerance, as well as excellent TCR
tracking. For such hybrids, they afford great savings in cost
and space.
TEMPERATURE COEFFICIENT OF RESISTANCE, VALUES, AND TOLERANCES
PARAMETER
VALUE
UNIT
Total Resistance Range
20 to 1M
Ω
Standard Tolerances
± 0.1, ± 0.5
%
TCR
± 25, ± 50, ± 100
ppm/°C
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
VALUE
UNIT
TCR Tracking Spread
± 5
ppm/°C
Noise, MIL-STD-202, Method 308
100
Ω to 250 kΩ
< 100
Ω or > 251 kΩ
-35 typ.
-20 typ.
dB
Moisture Resistance, MIL-STD-202, Method 106
± 0.5 max.
ΔR/R
%
Stability, 1000 h, +125 °C, 25 mW
Absolute
Ratio
± 0.25 max.
ΔR/R
± 0.05 max.
ΔR/R
%
Operating Temperature Range
-55 to +125
°C
Thermal Shock, MIL-STD-202
Method 107, Test Condition F
± 0.1 max.
ΔR/R
%
High Temperature Exposure, ± 150 °C, 100 h
± 0.2 max.
ΔR/R
%
Dielectric Voltage Breakdown
200
V
Insulation Resistance
1012 min.
Ω
Operating Voltage
100
V
DC Power Rating at +70 °C (Derated to Zero at 175 °C)
0.050 per resistor
W
5 x Rated Power Short-Time Overload, +25 °C, 5 s
± 0.1 % max.
ΔR/R
%
Tightest Standard Tolerance Available
0.5 %
0.1 %
20
:
300
:
300 k
:
500 k
: 1 M:
± 25 ppm/°C
± 50 ppm/°C
± 100 ppm/°C


Podobny numer części - CLA0330003JBEG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Phihong USA Inc.
CLA05D-050A PHIHONG-CLA05D-050A Datasheet
122Kb / 2P
5W Automobile Charger
CLA05D-050A-R PHIHONG-CLA05D-050A-R Datasheet
171Kb / 2P
5W Car Charging Adapter for Portable Electronics
CLA05D-050A PHIHONG-CLA05D-050A_14 Datasheet
171Kb / 2P
5W Car Charging Adapter for Portable Electronics
More results

Podobny opis - CLA0330003JBEG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
RCD COMPONENTS INC.
STF2020A-1000-BQ25W RCD-STF2020A-1000-BQ25W Datasheet
34Kb / 1P
PRECISION THIN FILM CHIP ARRAYS
logo
IRC - a TT electronics ...
WBDDSS4-A-01-1002-JG IRCTT-WBDDSS4-A-01-1002-JG Datasheet
750Kb / 4P
Wire Bondable Resistor Network Arrays
WBD-DSOT23V-470-M-470-M IRCTT-WBD-DSOT23V-470-M-470-M Datasheet
423Kb / 3P
Wire Bondable Resistor/Capacitor Circuits
logo
Vishay Siliconix
MIF VISHAY-MIF Datasheet
84Kb / 3P
Thin Film Microwave Resistor
02-May-13
MTLP VISHAY-MTLP Datasheet
74Kb / 3P
Wire Bondable Thin Film Micro-Strip Transmission Line Resistor Arrays
16-Nov-17
MTR VISHAY-MTR Datasheet
92Kb / 3P
Wire Bondable Thin Film Multi-Tap Resistor Arrays
18-Apr-13
MTT VISHAY-MTT Datasheet
101Kb / 3P
Wire Bondable Thin Film Multi-Tap Resistor Arrays
06-Apr-17
PRAHR VISHAY-PRAHR Datasheet
117Kb / 7P
ESCC 4001/025 Qualified High Precision Thin Film Chip Resistor Arrays
19-Nov-14
logo
TT Electronics.
DSS4X TTELEC-DSS4X Datasheet
484Kb / 4P
Wire Bondable Resistor Network Arrays
WBC-RC TTELEC-WBC-RC Datasheet
524Kb / 3P
Wire Bondable Resistor
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com