Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CLA0530003JBEG Arkusz danych(PDF) 2 Page - Vishay Siliconix

Numer części CLA0530003JBEG
Szczegółowy opis  Wire Bondable Thin Film Resistor Arrays
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CLA0530003JBEG Arkusz danych(HTML) 2 Page - Vishay Siliconix

  CLA0530003JBEG Datasheet HTML 1Page - Vishay Siliconix CLA0530003JBEG Datasheet HTML 2Page - Vishay Siliconix CLA0530003JBEG Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CLA, CLB
www.vishay.com
Vishay Electro-Films
Revision: 30-May-2022
2
Document Number: 61009
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches
CLA 8 Cell
CLB 8 Cell
0.090
0.060
0.054
0.007
0.004
0.004
0.090
0.060
0.054
0.0775
0.004
0.004
0.007
DIMENSIONS in inches
# OF RES.
03
04
06
08
12
CLA
0.060 x 0.060 ± 0.003 0.050 x 0.060 ± 0.003 0.069 x 0.060 ± 0.003 0.090 x 0.060 ± 0.003 0.130 x 0.060 ± 0.003
CLB
0.060 x 0.060 ± 0.003 0.050 x 0.060 ± 0.003 0.069 x 0.060 ± 0.003 0.090 x 0.060 ± 0.003 0.130 x 0.060 ± 0.003
MECHANICAL SPECIFICATIONS
PARAMETER
Chip Size
See Dimensions table above
Chip Thickness
0.010" ± 0.002" (0.254 mm ± 0.05 mm)
Chip Substrate Material
Oxidized silicon, 10 kÅ minimum SiO2
Resistor Material
Tantalum nitride, self-passivating
Bonding Pads
0.004" x 0.007" (0.10 mm x 0.178 mm)
Number of Top Pads
CLA - 16
CLB - 9
Pad Material
10 kÅ minimum aluminum
Backing
None, lapped semiconductor silicon
GLOBAL PART NUMBER INFORMATION
Global Part Number: CLA0830000FFKANHWS
Global Part Number Description: CLA 8 Res 3K 1 %, 100 ppm/°C, Al terminations, no back metal, class H WS
MODEL
TYPE
RESISTORS
RES.
RES.
MULTIPLIER
CODE
TOL.
CODE
RATIO
TOL.
TCR
(ppm/°C)
TERM.
BACK
METAL
VISUAL
CLASS
PACKAGING
CODE
CL
A =
isolated
B =
bussed
03
04
05
06
07
08
09
10
11
12
First 4
digits are
significant
figures of
resistance
B = 0.01
A = 0.1
0 = 1
1 = 10
2 = 100
3 = 1000
B = 0.1 %
C = 0.25 %
D = 0.5 %
F = 1.0 %
G = 2.0 %
J = 5.0 %
K = 10.0 %
B = 0.1 %
F = 1.0 %
N = none
E = ± 25
C = ± 50
K = ± 100
M = ± 250
G = Au
A = Al
G = Au
N = none
H = class H
K = class K
WS =
waffle pack,
100 min.,
1 mult.
08
3
0
0
0
F
0
A
CL
FK
A
N
H
W
S



Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com