Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AMT13 Arkusz danych(PDF) 6 Page - CUI Devices

Numer części AMT13
Szczegółowy opis  MODULAR INCREMENTAL ENCODER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CUID [CUI Devices]
Strona internetowa  https://www.cuidevices.com/
Logo CUID - CUI Devices

AMT13 Arkusz danych(HTML) 6 Page - CUI Devices

  AMT13 Datasheet HTML 1Page - CUI Devices AMT13 Datasheet HTML 2Page - CUI Devices AMT13 Datasheet HTML 3Page - CUI Devices AMT13 Datasheet HTML 4Page - CUI Devices AMT13 Datasheet HTML 5Page - CUI Devices AMT13 Datasheet HTML 6Page - CUI Devices AMT13 Datasheet HTML 7Page - CUI Devices AMT13 Datasheet HTML 8Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CUI DEVICES | SERIES: AMT13 | DESCRIPTION: MODULAR INCREMENTAL ENCODER
date 08/05/2022 | page 6 of 8
cuidevices.com
1. Begin by rotating the pre-installed alignment tool clockwise and completely to the right so
that the pre-installed shaft set screw is visible.
2. Select the appropriately sized shaft adapter and insert it into the encoder making sure the
adapter is properly aligned with the keyway in the metal hub. No adapter is needed for a
5/8” motor shaft.
3. Select the placement tool and insert it into the encoder. This placement tool holds the
encoder’s hub and shaft adapter in the proper position for installation onto the motor shaft.
1. Slide the encoder onto the motor shaft applying force only to the placement tool to maintain
proper alignment of the encoder’s hub and shaft adapter.
2.
3. Once in contact with the motor body, rotate the encoder until the mounting holes are aligned
with the proper bolt circle.
4. Insert screws and fasten the encoder to the motor.
1. Insert the Allen Wrench into the notch on the top.
2. Tighten the shaft set screw to the recommended torque settings per the spec.
1. Rotate the placement tool and alignment tool counterclockwise until the tabs align
with the openings.
2. Remove both tools from the encoder.
3.
STEP 1
STEP 3
STEP 2
STEP 4
ASSEMBLY PROCEDURE
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8