| Zakładka z wyszukiwarką danych komponentów |
|
DRV8317S Arkusz danych(PDF) 19 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DRV8317S Arkusz danych(HTML) 19 Page - Texas Instruments |
|
19 / 69 page ![]() 8.3.2.1 6x PWM Mode In 6x PWM mode, each half-bridge supports three output states: low, high, or high-impedance (Hi-Z). To configure DRV8317H in 6x PWM mode, connect the MODE pin to AGND or connect the MODE pin to AGND via 47-kΩ resistor. To enable 6x PWM mode in DRV8317S, configure the MODE bits with PWM_MODE = 00b or 01b. The corresponding INHx and INLx signals control the output state as listed in Table 8-3. Table 8-3. 6x PWM Mode Truth Table INHx INLx OUTx 0 0 Hi-Z 0 1 L 1 0 H 1 1 Hi-Z Figure 8-3 shows the application diagram of DRV8317 configured in 6x PWM mode. Logic VM Gate Drive and OCP INHB INLB nSLEEP VM VM INHA INLA OUTB OUTA OUTC BLDC Motor INHC INLC Controller PGND Figure 8-3. 6x PWM Mode www.ti.com DRV8317 SLVSGT3 – DECEMBER 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 19 Product Folder Links: DRV8317 |