Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DF1504M Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części DF1504M
Szczegółowy opis  SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

DF1504M Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  DF1504M Datasheet HTML 1Page - List of Unclassifed Manufacturers DF1504M Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
VOLTAGE RANGE
50 to 1000 Volts
DF15005M THRU DF1510M
CURRENT
1.5 Ampere
FEATURES
DFM
•
high forward surge current capability
•
Glass passivated chip junction
•
High case dielectric strength
•
High temperature soldering guaranteed:
260OC / 10 seconds
MECHANICAL DATA
•
Case: Transfer molded plastic
•
Terminal: Lead solderable per MIL-STD-750
method 2026
•
Polarity: Polarity symbols marked on case
•
Mounting: any
•
Weight: 0.04 ounce, 1.0 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25OC ambient temperature unless otherwise specified
•
Single Phase, half wave, 60Hz, resistive or inductive load
•
For capacitive load derate current by 20%
SYMBOLS
DF
15005M
DF
1501M
DF
1502M
DF
1504M
DF
1506M
DF
1508M
DF
1510M
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Rectified Current,
0.06” (1.5mm) lead length at TA = 40OC (Note 1)
I(AV)
1.5
Amps
Peak Forward Surge Current
8.3mS single half sine wave superimposed on
rated load (JEDEC method)
IFSM
50
Amps
Rating for Fusing (t<8.3mS)
I2t
10
A2s
Maximum Instantaneous Forward Voltage drop per
Bridge element 1.5A
VF
1.1
Volts
10
µA
Maximum DC Reverse Current at Rated TA = 25 OC
DC Blocking Voltage per element
TA = 125 OC
IR
0.5
mA
Typical Junction Capacitance
(Measured at 1.0MHz and applied reverse voltage of
4.0V)
CJ
25
pF
Typical Thermal Resistance (Note 1)
RθJC
40
OC/W
Operating Junction Temperature Range
TJ
(-55 to +150)
OC
Storage Temperature Range
TSTG
(-55 to +150)
OC
Notes:
1.
Unit mounted on PCB with 0.51” X 0.51” (13mm X 13mm) copper pads
Sep-03, Rev A
Micro Electronic Instrument Inc.


Podobny numer części - DF1504M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
DF1504M DIODES-DF1504M Datasheet
66Kb / 2P
1.5A GLASS PASSIVATED BRIDGE RECTIFIERS
DS21214 Rev. D-2
More results

Podobny opis - DF1504M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
2W005G GE-2W005G Datasheet
123Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBU4A GE-GBU4A Datasheet
88Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
3KBP005M VISHAY-3KBP005M Datasheet
93Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com