Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SAFEA2G45MB0F0A Arkusz danych(PDF) 6 Page - Murata Manufacturing Co., Ltd

Numer części SAFEA2G45MB0F0A
Szczegółowy opis  SAW Single Filter for ISM2.4G / Unbalanced / 5pin /1411
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MURATA1 [Murata Manufacturing Co., Ltd]
Strona internetowa  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

SAFEA2G45MB0F0A Arkusz danych(HTML) 6 Page - Murata Manufacturing Co., Ltd

  SAFEA2G45MB0F0A Datasheet HTML 1Page - Murata Manufacturing Co., Ltd SAFEA2G45MB0F0A Datasheet HTML 2Page - Murata Manufacturing Co., Ltd SAFEA2G45MB0F0A Datasheet HTML 3Page - Murata Manufacturing Co., Ltd SAFEA2G45MB0F0A Datasheet HTML 4Page - Murata Manufacturing Co., Ltd SAFEA2G45MB0F0A Datasheet HTML 5Page - Murata Manufacturing Co., Ltd SAFEA2G45MB0F0A Datasheet HTML 6Page - Murata Manufacturing Co., Ltd SAFEA2G45MB0F0A Datasheet HTML 7Page - Murata Manufacturing Co., Ltd SAFEA2G45MB0F0A Datasheet HTML 8Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
All Rights Reserved, Copyright© Murata Manufacturing Co., Ltd
5/7
SAFEA2G45MB0F0A
( ISM2.4G / Unbalanced / 5pin / 1411 )
Dimensions of Tape & Reel
unit: mm
Carrier Tape
A:
8.0
J:
1.3
B:
1.75
K:
1.6
C:
3.50
L:
0.70
D:
4.0
E:
2.00
F:
4.0
G:
φ1.5
H:
1.00
Tape
Reel
SAFEA2G45MB0F0AR00… 10000pcs (φ330)
SAFEA2G45MB0F0AR1S…
Sample Order (φ178/330)
φ178Reel
φ330Reel
A:
φ13.0
A:
φ13.0
B:
13.5max
B:
15.5max
C:
9.0
C:
9.5
D:
φ60
D:
φ100
E:
φ178
E:
φ330
160 min.
80~280
400~560
Trailer tape
Components
Leader Cavity
Unit: mm
Cover tape



Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com