| Zakładka z wyszukiwarką danych komponentów |
|
VND9012AJ Arkusz danych(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VND9012AJ Arkusz danych(HTML) 31 Page - STMicroelectronics |
|
31 / 40 page ![]() 7 Package information In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages, depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product status are available at: www.st.com. ECOPACK is an ST trademark. 7.1 PowerSSO-16 package information Figure 26. PowerSSO-16 package dimensions GAPG1605141159CFT 8017965_Rev_9 Bottom view Top view Section A-A Section B-B θ 1 θ 3 θ 2 h h R1 R L1 L B B GAUGE PLANE S b1 c c1 b BASE METAL WITH PLATING E2 E3 D2 D3 A A2 A1 b SEATING PLANE for dual gauge only for dual gauge only ccc C C H eee C ggg ggg A-B D C A-B D C e index area (0.25D x 0.75E1) 2x N/2 TIPS 2x 1.2 aaa C D N 1 2 3 D E E1 f f f ddd C bbb C C D A-B A D B 2x A N/2 A minimum solderable area VND9012AJ Package information DS12727 - Rev 3 page 31/40 |