| Zakładka z wyszukiwarką danych komponentów |
|
CLL5260A Arkusz danych(PDF) 3 Page - Continental Device India Limited |
|
|
|||||||||||||||||||||||||||||
CLL5260A Arkusz danych(HTML) 3 Page - Continental Device India Limited |
|
3 / 4 page ![]() SOD - 80C Mini MELF (LL-34) All Dimensions are in mm SOD 80C (LL-34) Mini MELF Hermetically Sealed Glass Package Drawings are not to scale All Dimensions are in mm All Dimensions are in mm 3.50 0.35 0.35 Cathode band ± 0.20 ± 0.05 ± 0.05 Identification Label Part Number Date Code Quantity 10.4 ±0.5 1.5 120° 180 2.0 1.4 180 mm (7") 2,500 Reel ø No. of Device 8.4 Notes: 1. Maximum of 0.5% of the total number of components per reel may be missing-exclusively at the beginning and at the end of the reel. 2. A maximum of three consecutive components may be missing, provided this gap is followed by six consecutive components. TAPE & REEL De-reeling direction 2.5 0.3 MAX ø1.6 ø1.4 2.0 ±0.2 MAX De-reeling direction Tape leader/carrier leader Carrier trailer 300mm (75 empty 160mm (40 empty compartments) compartments) SOD-80C T&R 2.5K/reel 225 gm/2.5K pcs 9" x 9" x 9" 40K 18" x 12" x 10" 19" x 19" x 20" 80K 320K 7.2 kgs 28.8 kgs PACKAGE Net Weight/Qty Details STANDARD PACK INNER CARTON BOX Qty OUTER CARTON BOX Qty Gr Wt Size Size Packing Detail Continental Device India Limited Data Sheet Page 3 of 4 CLL5230A - CLL5261A CLL5230ARev290001 |