| Zakładka z wyszukiwarką danych komponentów |
|
PFS5275F2 Arkusz danych(PDF) 15 Page - Power Integrations, Inc. |
|
|
|||||||||||||||||||||||||||||
PFS5275F2 Arkusz danych(HTML) 15 Page - Power Integrations, Inc. |
|
15 / 25 page ![]() Rev. C 03/22 15 PFS5173-5178/5274 www.power.com Parameter Symbol Conditions SOURCE = 0 V, V CC = 12 V, T J = -40 to +125 °C (See Note C) Min Typ Max Units Line Sense / Peak Detector Line Sense and Peak detector input voltage (Line-Sense Input Voltage Range) V V(RANGE) The voltage on V may exceed the upper specification, however the line sense function is saturated at its full scale. Not tested. 4 V Brown-In Threshold Voltage V BR+ 0 ºC < T J < 100 °C 1.12 V Brown-In Threshold Voltage V BR- 0 ºC < T J < 100 °C 0.97 V Brown-Out Threshold for Square Wave (Brown-Out Threshold for High Duty Cycle Square Wave) V BR(SQ) 0 ºC < T J < 100 °C 0.86 V Soft-Start Brown-Out Threshold Voltage (Start-Up Brown-Out Threshold Voltage (During NTC Warm-Up Time)) V BR(NTC) 0 ºC < T J < 100 °C 0.74 V Brown-In/Out Hysteresis (V BR+ - VBR-) (Brown-In / Out Hysteresis (After NTC Warm-Up Time) V BR(HYST) 0 ºC < T J < 100 °C 130 145 160 mV Brown-Out Debounce Timer t Brown-Out See Note A 54 66 ms Brown-Out Debounce Timer During Start-Up with VBR_NTC Threshold t Brown-Out(NTC) Triggered during startup (while t STARTUP is active) if the peak of the V pin is lower than V BR-NTC. 1000 1160 ms Start-Up Timer for Using Lower Brown-Out Threshold (V BR-NTC) t START-UP The timer is triggered when switching starts. The timer aborts when a peak < V BR-NTC. The timer restarts at zero when a peak > V BR-NTC. When timer expires, the higher brown-out threshold V BR- is applied 1000 1160 ms V Pin High-Line Threshold V V(HIGH+) (170 VAC) 2.42 V V Pin High-Line Deassertion Threshold V V(HIGH-) (140 VAC) 2.00 V |