| Zakładka z wyszukiwarką danych komponentów |
|
PFS7626C Arkusz danych(PDF) 16 Page - Power Integrations, Inc. |
|
|
|||||||||||||||||||||||||||||
PFS7626C Arkusz danych(HTML) 16 Page - Power Integrations, Inc. |
|
16 / 38 page ![]() Rev. F 08/20 16 PFS7x23-7x29/7633-7636 www.power.com Figure 14b. Recommended Feedback Circuit with Integrated Diode. PI-7258a-061615 S C PGT FB VCC PG B+ R2 R4 R5 C3 CREF C2 R1 R3 C1 K D REF G V CONTROL HiperPFS-4 PI-8032-071816 S D C PGT FB VCC PG REF G V CONTROL HiperPFS-4 B+ R2 R4 R5 C3 CREF C2 R1 R3 C1 Figure 14a. Recommended Feedback Circuit. Please refer to DER-547 as a design example with 440 V output voltage and 100-300 VAC input voltage. When addressing higher input voltage designs such as 277 VAC, the output voltage of the PFC needs to be increased to optimize the performance. If the FEEDBACK pin resistor divider ratio is changed for higher output voltages, ensure FEEDBACK and VOLTAGE pin resistor divider ratios are matched. Also be aware that the brown-in/out will also increase as a result of VOLTAGE pin resistor divider ratio change. Refer to DER-547 report for more details. Voltage de-rating requirements for the power MOSFET, boost diode, and all design choices should be validated with bench tests. The recommended circuits are shown in Figures 14a and 14b. |