| Zakładka z wyszukiwarką danych komponentów |
|
PFS7725H Arkusz danych(PDF) 22 Page - Power Integrations, Inc. |
|
|
|||||||||||||||||||||||||||||
PFS7725H Arkusz danych(HTML) 22 Page - Power Integrations, Inc. |
|
22 / 38 page ![]() Rev. F 08/20 22 PFS7x23-7x29/7633-7636 www.power.com Parameter Symbol Conditions SOURCE = 0 V; V CC = 12 V, -40 °C < T J(C) < 125 °C (Note C) (Unless Otherwise Specified) Min Typ Max Units Currents (cont.) Operating Current I CC(ON) No-load on REF Switching at F MIN (T OFF = TOFF(MIN) TON = TON(MAX)) 0 °C < T J(C) < 100 °C PFS7x23 / PFS7633 0.64 0.75 0.90 mA PFS7624 / PFS7634 0.69 0.82 0.97 PFS7625 / PFS7635 0.74 0.88 1.05 PFS7626 / PFS7636 0.79 0.93 1.12 PFS7627 0.85 1.00 1.20 PFS7628 0.91 1.07 1.28 PFS7629 0.98 1.15 1.38 Leakage Current in UVLO State I oz 0 < Pin Voltage < REF 0 °C < T J(C) < 100 °C V, FB, C, PGT ±10 nA V PG = 12 V PG ±0.1 mA Pull-Down Current on Feedback I FB(PD) Not Active When VCC < UVLO+ 0 °C < T J(C) < 100 °C FB 100 nA Pull-Down Current on Voltage I V(PD) Not Active When VCC < UVLO+ 0 °C < T J(C) < 100 °C V 100 nA On-Time Controller Maximum Operating “On”-Time t ON(MAX) 0 °C < T J(C) < 100 °C 29 34 40 ms Off-Time Controller Maximum Operating “Off”-Time t OFF(MAX) 0 °C < T J(C) < 100 °C 36 43 48 ms Off-Time Accuracy t OFF(ACCURACY) 0 °C < T J(C) < 100 °C V = 1.414 V FB = 3.85 V C > = 4 V ±4.0 % Feedback Feedback Voltage Reference V FB(REF) T J(C) = 25 °C 3.82 3.85 3.88 V 0 °C < T J(C) < 100 °C 3.75 3.85 3.95 Feedback Error- Amplifier Transconduc- tance Gain G M 3.75 V < V FB < 3.95 V V C = 4 V 0 °C < T J(C) < 100 °C 75 90 105 µA/V Soft Shutdown Time t SHUTDWN See Note A 0.86 1.00 1.16 ms FEEDBACK Pin Start-Up/Fault Threshold V FB(OFF) 0 °C < T J(C) < 100 °C 0.57 0.64 0.71 V FEEDBACK Pin Undervoltage Assertion Threshold V FB(UV) 0 °C < T J(C) < 100 °C 2.09 2.25 2.36 V |