Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LIS2L02AS4 Arkusz danych(PDF) 12 Page - STMicroelectronics

Numer części LIS2L02AS4
Szczegółowy opis  MEMS INERTIAL SENSOR: 2-Axis - ±2g/±6g LINEAR ACCELEROMETER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2L02AS4 Arkusz danych(HTML) 12 Page - STMicroelectronics

Back Button LIS2L02AS4 Datasheet HTML 6Page - STMicroelectronics LIS2L02AS4 Datasheet HTML 7Page - STMicroelectronics LIS2L02AS4 Datasheet HTML 8Page - STMicroelectronics LIS2L02AS4 Datasheet HTML 9Page - STMicroelectronics LIS2L02AS4 Datasheet HTML 10Page - STMicroelectronics LIS2L02AS4 Datasheet HTML 11Page - STMicroelectronics LIS2L02AS4 Datasheet HTML 12Page - STMicroelectronics LIS2L02AS4 Datasheet HTML 13Page - STMicroelectronics LIS2L02AS4 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
LIS2L02AS4
12/14
7
Package Information
In order to meet environmental requirements, ST offers these devices in ECOPACK® packages. These
packages have a Lead-free second level interconnect. The category of second Level Interconnect is
marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The
maximum ratings related to soldering conditions are also marked on the inner box label.
ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
Figure 17. SO24 Mechanical Data & Package Dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.35
2.65
0.093
0.104
A1
0.10
0.30
0.004
0.012
B
0.33
0.51
0.013
0.200
C
0.23
0.32
0.009
0.013
D (1)
15.20
15.60
0.598
0.614
E
7.40
7.60
0.291
0.299
e
1.27
0.050
H
10.0
10.65
0.394
0.419
h
0.25
0.75
0.010
0.030
L
0.40
1.27
0.016
0.050
k
0˚ (min.), 8˚ (max.)
ddd
0.10
0.004
(1) “D” dimension does not include mold flash, protusions or gate
burrs. Mold flash, protusions or gate burrs shall not exceed
0.15mm per side.
SO24
0070769 C
Weight: 0.60gr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14