Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

USBG-ISO-M Arkusz danych(PDF) 2 Page - Coolgear Inc.

Numer części USBG-ISO-M
Szczegółowy opis  USB Isolator 3000 Vrms Rugged Metal Chassis
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  COOLGEAR [Coolgear Inc.]
Strona internetowa  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.

USBG-ISO-M Arkusz danych(HTML) 2 Page - Coolgear Inc.

  USBG-ISO-M Datasheet HTML 1Page - Coolgear Inc. USBG-ISO-M Datasheet HTML 2Page - Coolgear Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features
• Isolates and protects any USB devices from a USB Host
• Electrical isolation up to 3000 Vrms upstream to
downstream USB port
• Common mode filtering on all data lines
• 5V isolated pass-thru power up to 420 mA to downstream
device
• Support USB 2.0 full speed 12 Mbps by default setting
• USB 1.1 low speed 1.5 Mbps data rate selectable by
jumpers
• High speed USB devices works in full speed mode
• No software or drivers installation required
• Short circuit protection
• LED for power indication.
• Wide ambient temperature operation -40 to 70°C (-40 to
158°F)
• USB bus-powered
• Packed in rugged metal case with USB cable securely locked
to the case
• Metal case with DIN rail brackets
• RoHS and RoHS2 compliant
Product Information
Product Name:
USBG-ISO-M
Packing List:
USBG-ISO-M USB Isolator with
cable
Optional Accessories:
N/A



Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com