Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

3811/18 Arkusz danych(PDF) 2 Page - 3M Electronics

Numer części 3811/18
Szczegółowy opis  050 Color Coded Flat Cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  3M [3M Electronics]
Strona internetowa  http://www.3m.com
Logo 3M - 3M Electronics

3811/18 Arkusz danych(HTML) 2 Page - 3M Electronics

  3811/18 Datasheet HTML 1Page - 3M Electronics 3811/18 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3M Interconnect Solutions Division
6801 River Place Blvd.
Austin, TX 78726-9000
For technical, sales or ordering information call
800-225-5373
.050
″ Color Coded Flat Cable
26 AWG Stranded, PVC
3811 Series
Number of
Conductors
3M Part
Number
Dimension A
Dimension B
09
3811/09
0.450
± .015 [ 11.43 ]
0.400
± .010 [ 10.16 ]
10
3811/10
0.500
± .015 [ 12.70 ]
0.450
± .010 [ 11.43 ]
14
3811/14
0.700
± .015 [ 17.78 ]
0.650
± .010 [ 16.51 ]
15
3811/15
0.750
± .015 [ 19.05 ]
0.700
± .010 [ 17.78 ]
16
3811/16
0.800
± .020 [ 20.32 ]
0.750
± .015 [ 19.05 ]
18
3811/18
0.900
± .020 [ 22.86 ]
0.850
± .015 [ 21.59 ]
20
3811/20
1.000
± .020 [ 25.40 ]
0.950
± .015 [ 24.13 ]
24
3811/24
1.200
± .020 [ 30.48 ]
1.150
± .015 [ 29.21 ]
25
3811/25
1.250
± .020 [ 31.75 ]
1.200
± .015 [ 30.48 ]
26
3811/26
1.300
± .020 [ 33.02 ]
1.250
± .015 [ 31.75 ]
30
3811/30
1.500
± .025 [ 38.10 ]
1.450
± .020 [ 36.83 ]
34
3811/34
1.700
± .025 [ 43.18 ]
1.650
± .020 [ 41.91 ]
36
3811/36
1.800
± .025 [ 45.72 ]
1.750
± .020 [ 44.45 ]
37
3811/37
1.850
± .025 [ 46.99 ]
1.800
± .020 [ 45.72 ]
40
3811/40
2.000
± .025 [ 50.80 ]
1.950
± .020 [ 49.53 ]
50
3811/50
2.500
± .025 [ 63.50 ]
2.450
± .020 [ 62.23 ]
60
3811/60
3.000
± .025 [ 76.20 ]
2.950
± .020 [ 74.93 ]
64
3811/64
3.200
± .025 [ 81.28 ]
3.150
± .020 [ 80.01 ]
B
A
.042
± .003
[ 1.07 ]
.050 Typ
[ 1.27 ]
Clear PVC
Carrier
26 AWG 7 X 34 [ 7 X 0.160 ] Tinned
Stranded Copper Conductors
*10 Color Repeat
Brown
Red
Orange
Yellow
Green
Blue
Violet
Gray
White
Black
Brown* PVC
Insulation
TS-0122-08
Sheet 2 of 2
Ordering Information
3811/XX
Note: Available in standard lengths of 100 feet or 300 feet per roll, please specify when ordering.
Blank = Standard
C = Canadian Certified
Version
Number of Conductors
(See Table)
Inch
[mm]
± .005
± .1 ± .01
Tolerance Unless Noted
.0
.00
.000
Inch
[ ] Dimensions for
Reference only
®
®
(OPTIONAL)



Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com