Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

3811/60 Arkusz danych(PDF) 1 Page - 3M Electronics

Numer części 3811/60
Szczegółowy opis  050 Color Coded Flat Cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  3M [3M Electronics]
Strona internetowa  http://www.3m.com
Logo 3M - 3M Electronics

3811/60 Arkusz danych(HTML) 1 Page - 3M Electronics

  3811/60 Datasheet HTML 1Page - 3M Electronics 3811/60 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3M Interconnect Solutions Division
6801 River Place Blvd.
Austin, TX 78726-9000
For technical, sales or ordering information call
800-225-5373
.050
″ Color Coded Flat Cable
26 AWG Stranded, PVC
3811 Series
41
S .050 inch centers permit mass termination to
a broad line of IDC connectors
S 26 AWG wire allows for higher power levels
S Stranded wire provides flexibility and
extended product life
S Zippable for branching or discrete
termination
S Color coded for wire identification
TS-0122-08
Sheet 1 of 2
Date Modified: February 19, 1999
Physical
Insulation
Material: Polyvinyl Chloride (PVC)
Color: 10 Color Repeat, Clear Carrier
Marking
Standard: None
Canadian Option:
AWM 20462 105C 300V VW1
3M NU
C
AWM IA 80C 150V FT1
EU <50V
Conductors: 26 AWG 7
× 34 [ 7 × 0.160 ] Tinned Stranded Copper
Electrical
Voltage Rating: USA: 300V
Canada: 150V
EU: <50V
Insulation Resistance: > 1
× 109 Ω/10 ft. [ 3m ]
Characteristic Impedance Unbalanced: 95
Ω
Capacitance Unbalanced: 14.8 pF/ft. [ 48.6 pF/m ]
Inductance Unbalanced: .13
µH/ft. [ 0.43 µH/m ]
Propagation Delay Unbalanced: 1.41 ns/ft. [ 4.63 ns/m ]
Velocity of Propagation Unbalanced: 72%
Note: Unbalanced is measured between ground-signal-ground conductors.
Environmental
Temperature Rating: USA: –20
°C to +105°C
Canada: –20
°C to +80°C
Flammability Rating: USA: VW-1
Canada: FT1
UL File No.: E42769, Style No.: 20462


Podobny numer części - 3811/60

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Welwyn Components Limit...
3811 WELWYN-3811 Datasheet
395Kb / 2P
Ultra-High Value Precision Resistors
logo
IRC - a TT electronics ...
3811 IRCTT-3811 Datasheet
129Kb / 2P
Ultra-High Value Precision Resistor
logo
TT Electronics.
3811 TTELEC-3811 Datasheet
443Kb / 2P
Low voltage coefficient
3811 TTELEC-3811 Datasheet
725Kb / 2P
Ultra-High Value Precision Resistors
3811 TTELEC-3811 Datasheet
860Kb / 2P
Ultra-High Value Precision Resistors
High Value
More results

Podobny opis - 3811/60

ProducentNumer częściArkusz danychSzczegółowy opis
logo
3M Electronics
3603 3M-3603 Datasheet
27Kb / 2P
050 Jacketed, Flat Cable
08-Dec-2009
3709 3M-3709 Datasheet
29Kb / 2P
050 Round Conductor Flat Cable
23-Jun-1999
logo
Molex Electronics Ltd.
0082266815 MOLEX3-0082266815 Datasheet
283Kb / 4P
1.27mm (.050") Pitch Round Conductor Flat Cable
logo
3M Electronics
3302 3M-3302 Datasheet
1Mb / 5P
3M Color Coded Flat Cable - .050 28 AWG Stranded, PVC
07-May-2009
3659 3M-3659 Datasheet
35Kb / 2P
050, Round, Shielded/Jacketed, Flat Cable
29-Jul-1999
logo
List of Unclassifed Man...
450-AA150 ETC2-450-AA150 Datasheet
143Kb / 2P
Color Coded Plastic Knobs
450-C151 ETC2-450-C151 Datasheet
91Kb / 1P
Color Coded Plastic Caps
logo
3M Electronics
M1MXK-5036R 3M-M1MXK-5036R Datasheet
1Mb / 3P
3M Color Coded Flat Cable
01-May-2012
logo
List of Unclassifed Man...
1345132 ETC2-1345132 Datasheet
102Kb / 3P
color-coded PVC flat cable allows for quick identification and circuit tracing
1346367 ETC2-1346367 Datasheet
102Kb / 3P
Beldens 050 pitch color-coded PVC flat cable allows for quick identification and circuit tracing
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com