Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

VS-VSKU162...PBF Arkusz danych(PDF) 5 Page - Vishay Siliconix

Numer części VS-VSKU162...PBF
Szczegółowy opis  Thyristor/Thyristor, 160 A (INT-A-PAK Power Modules)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-VSKU162...PBF Arkusz danych(HTML) 5 Page - Vishay Siliconix

  VS-VSKU162...PBF Datasheet HTML 1Page - Vishay Siliconix VS-VSKU162...PBF Datasheet HTML 2Page - Vishay Siliconix VS-VSKU162...PBF Datasheet HTML 3Page - Vishay Siliconix VS-VSKU162...PBF Datasheet HTML 4Page - Vishay Siliconix VS-VSKU162...PBF Datasheet HTML 5Page - Vishay Siliconix VS-VSKU162...PBF Datasheet HTML 6Page - Vishay Siliconix VS-VSKU162...PBF Datasheet HTML 7Page - Vishay Siliconix VS-VSKU162...PBF Datasheet HTML 8Page - Vishay Siliconix VS-VSKU162...PBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
VS-VSKU162...PbF, VS-VSKV162...PbF Series
www.vishay.com
Vishay Semiconductors
Revision: 27-Jul-2018
5
Document Number: 95901
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - On-State Power Loss Characteristics
Fig. 8 - On-State Power Loss Characteristics
Fig. 9 - On-State Power Loss Characteristics
0
25
5 0
7 5
1 00
12 5
M axim um A llo w ab le Am b ie nt Tem p era ture (°C)
0.0
8
K/
W
0.1
K/ W
0.16K
/ W
0.2 K
/ W
0
100
200
300
400
500
600
0
100
200
3 00
400
180
120
90
60
30
To ta l RM S O ut p ut C urre n t (A )
Co nduc tio n A n g le
Pe r M o d u le
T
= 12 5°C
J
02 5
50
75
10 0
12 5
M axim um A llo w a ble A m b ient Temperature (°C)
0.0
8
K/
W
0.2
K/ W
1 K/ W
0.6 K/ W
0.4 K/
W
0.1
2
K/
W
0.3
K/ W
0
100
200
300
400
500
600
700
800
900
0
5 0
1 00
15 0
200
25 0
3 00
To ta l O utput C urrent (A)
Single Phase Brid ge
Co nnected
T = 125°C
J
180
(Sin e )
180
(Re ct)
0
2 5
5 0
7 5
1 00
12 5
M a xim um A llo w a b le A m b ient Te m p era ture (°C)
0 .2
K/ W
0.0
8
K/ W
0 .1
2 K
/ W
0.6 K/ W
0.3 K/
W
0
250
500
750
10 00
12 50
15 00
0
50 1 0 0 15 0 2 00 25 0 3 0 0 3 5 0 4 00 4 50
To ta l Output C urrent (A)
120
(Rect)
Three Phase Brid ge
Co nnected
T
= 12 5°C
J



Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com