Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

531002B00000 Arkusz danych(PDF) 1 Page - Aavid, Thermal Division of Boyd Corporation

Numer części 531002B00000
Szczegółowy opis  For use with TO-220 packages
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AAVID [Aavid, Thermal Division of Boyd Corporation]
Strona internetowa  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

531002B00000 Arkusz danych(HTML) 1 Page - Aavid, Thermal Division of Boyd Corporation

  531002B00000 Datasheet HTML 1Page - Aavid, Thermal Division of Boyd Corporation 531002B00000 Datasheet HTML 2Page - Aavid, Thermal Division of Boyd Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For use with TO-220 packages
531002b00000
VIS#001753
Mechanical Outline Drawing
Thermal resistance value is
based on a 75°C rise in natural
convection
Thermal
Resistance
13.4
Page 1 of 2
Standard Products Found
2/25/2003
http://www.aavidthermalloy.com/bin/stdisp_print.pl?Pnum=531002b00000


Podobny numer części - 531002B00000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Aavid, Thermal Division...
531002B02500 AAVID-531002B02500 Datasheet
83Kb / 2P
For use with TO-220 packages
2/25/2003
531002B02500G AAVID-531002B02500G Datasheet
8Mb / 116P
Channel style heat sink with folded back fins
More results

Podobny opis - 531002B00000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Aavid, Thermal Division...
513102B02500 AAVID-513102B02500 Datasheet
82Kb / 2P
For use with TO-220 packages
2/25/2003
529902B02500 AAVID-529902B02500 Datasheet
82Kb / 2P
For use with TO-220 packages
2/25/2003
530613B00000 AAVID-530613B00000 Datasheet
78Kb / 2P
For use with TO-220 packages
2/25/2003
534202B33453 AAVID-534202B33453 Datasheet
81Kb / 2P
For use with TO-220 packages
2/25/2003
563002B00000 AAVID-563002B00000 Datasheet
80Kb / 2P
For use with TO-220 packages
2/25/2003
574102B03300 AAVID-574102B03300 Datasheet
83Kb / 2P
For use with TO-220 packages
2/25/2003
574502B00000 AAVID-574502B00000 Datasheet
82Kb / 2P
For use with TO-220 packages
2/25/2003
575002B00000 AAVID-575002B00000 Datasheet
80Kb / 2P
For use with TO-220 packages
2/26/2003
576802B04100 AAVID-576802B04100 Datasheet
88Kb / 2P
For use with TO-220 packages
2/26/2003
593202B03500 AAVID-593202B03500 Datasheet
90Kb / 2P
For use with TO-220 packages
2/26/2003
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com