Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

568203B00000 Arkusz danych(PDF) 1 Page - Aavid, Thermal Division of Boyd Corporation

Numer części 568203B00000
Szczegółowy opis  For use with TO-3 packages
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AAVID [Aavid, Thermal Division of Boyd Corporation]
Strona internetowa  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

568203B00000 Arkusz danych(HTML) 1 Page - Aavid, Thermal Division of Boyd Corporation

  568203B00000 Datasheet HTML 1Page - Aavid, Thermal Division of Boyd Corporation 568203B00000 Datasheet HTML 2Page - Aavid, Thermal Division of Boyd Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For use with TO-3 packages
568203b00000
VIS#002152
Mechanical Outline Drawing
A Dim 25.40 (1.00)
Thermal resistance value is based
on a 75°C rise in natural
convection
Thermal
Resistance
5.9
Page 1 of 2
Standard Products Found
2/25/2003
http://www.aavidthermalloy.com/bin/stdisp_print.pl?Pnum=568203b00000


Podobny numer części - 568203B00000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pomona Electronics
5682 POMONA-5682 Datasheet
15Kb / 1P
Extended Tip with .080??Pin Jack
logo
Alpha Wire
5682 ALPHAWIRE-5682 Datasheet
411Kb / 4P
26 (7/34) AWG Tinned Copper
logo
Adafruit Industries
5682 ADAFRUIT-5682 Datasheet
289Kb / 3P
Micro Connector Crimping Pliers
4-19-22
logo
Cooper Bussmann, Inc.
5682-01 COOPER-5682-01 Datasheet
83Kb / 1P
Fuse Clips with Mounting Holes
5682-02 COOPER-5682-02 Datasheet
83Kb / 1P
Fuse Clips with Mounting Holes
More results

Podobny opis - 568203B00000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Aavid, Thermal Division...
500103B00000 AAVID-500103B00000 Datasheet
89Kb / 2P
For use with TO-3 packages
2/25/2003
501303B00000 AAVID-501303B00000 Datasheet
84Kb / 2P
For use with TO-3 packages
2/25/2003
501403B00100 AAVID-501403B00100 Datasheet
85Kb / 2P
For use with TO-3 packages
2/25/2003
501503B00000 AAVID-501503B00000 Datasheet
87Kb / 2P
For use with TO-3 packages
2/25/2003
501503B00100 AAVID-501503B00100 Datasheet
87Kb / 2P
For use with TO-3 packages
2/25/2003
501603B00000 AAVID-501603B00000 Datasheet
84Kb / 2P
For use with TO-3 packages
2/25/2003
506007B00000 AAVID-506007B00000 Datasheet
85Kb / 2P
For use with TO-3 packages
2/25/2003
553103B00000 AAVID-553103B00000 Datasheet
78Kb / 2P
For use with TO-3 packages
2/25/2003
568003B00000 AAVID-568003B00000 Datasheet
87Kb / 2P
For use with TO-3 packages
2/25/2003
568303B00000 AAVID-568303B00000 Datasheet
90Kb / 2P
For use with TO-3 packages
2/25/2003
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com