Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DRA821U4...ALM Arkusz danych(PDF) 89 Page - Texas Instruments

Numer części DRA821U4...ALM
Szczegółowy opis  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

DRA821U4...ALM Arkusz danych(HTML) 89 Page - Texas Instruments

Back Button DRA821U4...ALM Datasheet HTML 85Page - Texas Instruments DRA821U4...ALM Datasheet HTML 86Page - Texas Instruments DRA821U4...ALM Datasheet HTML 87Page - Texas Instruments DRA821U4...ALM Datasheet HTML 88Page - Texas Instruments DRA821U4...ALM Datasheet HTML 89Page - Texas Instruments DRA821U4...ALM Datasheet HTML 90Page - Texas Instruments DRA821U4...ALM Datasheet HTML 91Page - Texas Instruments DRA821U4...ALM Datasheet HTML 92Page - Texas Instruments DRA821U4...ALM Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 252 page
background image
Table 6-106. Pin Multiplexing (continued)
ADDR
ESS
OFFSE
T
REGISTER
NAME
BALL
NUMB
ER
MUXMODE[15:0] SETTINGS
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Bootstrap
0x1C12
0
WKUP_PADCON
FIG_72
D21
MCU_TIME
R_IO6
WKUP_GP
IO0_77
BOOTMOD
E04
0x1C12
0
PADCONFIG_72
T4
USB0_DR
VVBUS
GPIO0_68
0x1C12
4
WKUP_PADCON
FIG_73
B15
TCK
0x1C12
4
PADCONFIG_73
T19
PMIC_WA
KE0n
RGMII4_T
D1
GPIO0_1
0x1C12
8
WKUP_PADCON
FIG_74
B20
TRSTn
0x1C12
C
WKUP_PADCON
FIG_75
A13
EMU0
0x1C13
0
WKUP_PADCON
FIG_76
D12
EMU1
0x1C13
4
WKUP_PADCON
FIG_77
H17
MCU_ADC
0_AIN0
0x1C13
8
WKUP_PADCON
FIG_78
K18
MCU_ADC
0_AIN1
0x1C13
C
WKUP_PADCON
FIG_79
M17
MCU_ADC
0_AIN2
0x1C14
0
WKUP_PADCON
FIG_80
L18
MCU_ADC
0_AIN3
0x1C14
4
WKUP_PADCON
FIG_81
J18
MCU_ADC
0_AIN4
0x1C14
8
WKUP_PADCON
FIG_82
J17
MCU_ADC
0_AIN5
0x1C14
C
WKUP_PADCON
FIG_83
K17
MCU_ADC
0_AIN6
0x1C15
0
WKUP_PADCON
FIG_84
L17
MCU_ADC
0_AIN7
0x1C16
4
PADCONFIG_89
V15
MCAN16_T
X
RMII_REF_
CLK
RGMII4_R
X_CTL
GPIO0_45
UART7_TX
D
GPMC0_A
14
0x1C16
8
PADCONFIG_90
U21
MCAN16_
RX
CLKOUT
RGMII4_T
D0
GPIO0_46
UART7_RX
D
GPMC0_C
Sn1
AUDIO_EX
T_REFCLK
1
0x1C17
4
WKUP_PADCON
FIG_93
A15
RESET_R
EQz
0x1C17
8
WKUP_PADCON
FIG_94
H20
PORz
0x1C17
C
WKUP_PADCON
FIG_95
E19
MCU_TIME
R_IO7
WKUP_GP
IO0_78
BOOTMOD
E05
0x1C18
0
WKUP_PADCON
FIG_96
D18
WKUP_GP
IO0_80
BOOTMOD
E06
0x1C18
4
WKUP_PADCON
FIG_97
C17
WKUP_LF
_CLKIN
WKUP_GP
IO0_81
BOOTMOD
E07
0x1C18
8
WKUP_PADCON
FIG_98
F19
TDI
www.ti.com
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
89
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More