| Zakładka z wyszukiwarką danych komponentów |
|
60DCF10BF Arkusz danych(PDF) 2 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
60DCF10BF Arkusz danych(HTML) 2 Page - Tyco Electronics |
|
2 / 4 page ![]() CORCOM Product Guide RFI Power Line Filters for DC Applications (Continued) 143 Catalog 1654001 Dimensions are in inches and Dimensions are shown for USA Cust. Svc.: 1-800-468-2023 www.cor.com Revised 03-04 millimeters unless otherwise reference purposes only. CORCOM Prods: 1-847-680-7400 www.tycoelectronics.com specified. Values in italics Specifications subject 1-508-992-4495 are metric equivalents. to change. Germany: 49-89-6089-0 DC Series Cutout Dimensions Recommended Panel Cutouts Ordering Information Part A B C D E F Fig. Number ±.005 ±.005 ±.005 ±.005 ±.005 ±.005 ±..13 ±.13 ±.13 ±.13 ±.13 ±.13 15DCB6(F) 1.375 1.249 3.472 —— — 1 34.93 31.72 88.19 15DCB6B(F), 1.500 0.781 1.308 3.472 1.375 1.249 2 15DCF6B 38.10 19.84 33.22 88.19 34.93 31.72 15DCB10(F) 1.250 1.000 3.472 —— — 1 31.75 25.40 88.19 15DCB10B(F), 1.500 0.781 1.308 3.472 1.250 1.000 2 15DCF10B 38.10 19.84 33.22 88.19 31.75 25.40 30DCB6(F) 1.375 1.249 3.472 —— — 1 34.93 31.72 88.19 30DCB6B(F), 1.500 0.781 1.308 3.472 1.375 1.249 2 30DCF6B 38.10 19.84 33.22 88.19 34.93 31.72 30DCB10(F) 1.250 1.000 3.472 —— — 1 31.75 25.40 88.19 30DCB10B(F), 1.500 0.781 1.308 3.472 1.250 1.000 2 30DCF10B 38.10 19.84 33.22 88.19 31.75 25.40 60DCB6(F) 1.375 1.249 3.472 —— — 1 34.93 31.72 88.19 60DCB6B(F), 1.500 0.781 1.308 3.472 1.375 1.249 2 60DCF6B 38.10 19.84 33.22 88.19 34.93 31.72 60DCB10(F) 1.674 1.010 3.443 —— — 1 42.52 25.65 87.45 60DCB10B(F), 1.500 0.781 1.308 3.443 1.674 1.010 2 60DCF10B 38.10 19.84 33.22 87.45 42.52 25.65 100DCB6(F) 1.700 1.549 3.472 —— — 1 43.18 39.34 88.19 100DCB6B(F) 1.700 1.549 4.222 —— — 3 43.18 39.34 107.23 100DCB10(F) 1.954 1.500 2.803 —— — 1 49.63 38.10 71.20 100DCB10B(F) 1.954 1.500 4.295 —— — 3 49.63 38.10 109.09 100DCF6B 1.700 1.549 4.222 —— — 3 43.18 39.34 107.23 100DCF10B 1.954 1.500 4.295 —— — 3 49.63 38.10 109.09 125DCB6(F) 1.700 1.549 3.472 —— — 1 43.18 39.34 88.19 125DCB6B(F) 1.700 1.549 4.222 —— — 3 43.18 39.34 107.23 125DCB10(F) 2.250 1.590 2.725 —— — 1 57.15 40.39 69.22 125DCB10B(F) 2.250 1.590 4.147 —— — 3 57.15 40.39 105.33 125DCF6B 1.700 1.549 4.222 —— — 3 43.18 39.34 107.23 125DCF10B 2.250 1.590 2.725 —— — 3 57.15 40.39 105.33 A B C Holes: .157 [ 3.99] Dia. (4) See case dimensions for spacing. Tolerance: ±.005/ ±.13 Fig. 1 (Viewed from filter side) F B A E C D Holes: .157 [ 3.99] Dia. (4) See case dimensions for spacing. Tolerance: ±.005/ ±.13 Fig. 2 (Viewed from filter side) B A C 1.250 31.75 .625 15.88 .262 6.65 1.557 39.55 1.500 x 0.781 38.10 x 19.84 Holes: .157 [ 3.99] Dia. (4) See case dimensions for spacing. Tolerance: ±.005/ ±.13 Fig.3 (Viewed from filter side) Part Numbers 15DCB10F 30DCB10F 60DCB10F 100DCB10F 125DCB10F 15DCB6BF 30DCB6BF 60DCB6BF 100DCB6BF 125DCB6BF 15DCB10BF 30DCB10BF 60DCB10BF 100DCB10BF 125DCB10BF 15DCF6 30DCF6 60DCF6 100DCF6 125DCF6 15DCF6B 30DCF6B 60DCF6B 100DCF6B 125DCF6B 15DCB6 30DCB6 60DCB6 100DCB6 125DCB6 15DCB6B 30DCB6B 60DCB6B 100DCB6B 125DCB6B 15DCF10 30DCF10 60DCF10 100DCF10 125DCF10 15DCF10B 30DCF10B 60DCF10B 100DCF10B 125DCF10B 15DCB10 30DCB10 60DCB10 100DCB10 125DCB10 15DCB10B 30DCB10B 60DCB10B 100DCB10B 125DCB10B 60 DC B 6 B Current Rating (15, 30, 60, 100, 125A) Series Name DC = Series Name Mounting Style F = Flange B = Bulkhead and Rack Option B - Circuit Breaker F - Feedthru Capacitors for High Performance (bulkhead mtg. only) BF - Circuit Breaker and Feedthru Capacitors for High Frequency Performance (bulkhead mtg. only) Termination Style 6 - Redundant Stud 10 - Phoenix Terminal Standard Performance High Performance |