| Zakładka z wyszukiwarką danych komponentów |
|
TPD2015FN Arkusz danych(PDF) 5 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TPD2015FN Arkusz danych(HTML) 5 Page - Toshiba Semiconductor |
|
5 / 17 page ![]() TPD2015FN 2022-03-15 5 © 2022 Toshiba Electronic Devices & Storage Corporation 7. Operational Description 7.1. Over temperature protection To prevent damage due to temperature rise, the outputs are turned off when the junction temperature of this product exceeds the over temperature detection temperature (TSD).If the junction temperature falls below the hysteresis set temperature (TSD- ΔTSD), the product will return to normal operation. 7.2. Over current protection When the output current exceeds the over current detection value (IOC) due to a load short circuit, etc., the output is turned off during the over current protection operating time (tOFF-DUTY).After that, the output returns, but if the over current condition continues, the output is turned off again for the over current protection operating time (tOFF- DUTY ). 7.3. Timing chart Figure 7.1 Timing chart TSD VIN VOUT Tj IOC IOUT tOFF-DUTY tOFF-DUTY Over temperature Over current Over current Normal Over temperature Over current Normal Inductive load Energy protection protection protection regeneration T SD-ΔTSD |