Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

0907-2-CLIP Arkusz danych(PDF) 3 Page - Precid-Dip Durtal SA

Numer części 0907-2-CLIP
Szczegółowy opis  PRECISE, RELIABLE, AND COST EFFECTIVE STANDARD SOLUTIONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PREDIP [Precid-Dip Durtal SA]
Strona internetowa  http://www.precidip.com
Logo PREDIP - Precid-Dip Durtal SA

0907-2-CLIP Arkusz danych(HTML) 3 Page - Precid-Dip Durtal SA

  0907-2-CLIP Datasheet HTML 1Page - Precid-Dip Durtal SA 0907-2-CLIP Datasheet HTML 2Page - Precid-Dip Durtal SA 0907-2-CLIP Datasheet HTML 3Page - Precid-Dip Durtal SA 0907-2-CLIP Datasheet HTML 4Page - Precid-Dip Durtal SA 0907-2-CLIP Datasheet HTML 5Page - Precid-Dip Durtal SA 0907-2-CLIP Datasheet HTML 6Page - Precid-Dip Durtal SA  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PRECI-DIP SA Rue Saint-Henri 11 CH-2800 Delémont / Switzerland
PHONE
+41 (0)32 421 04 00 FAX +41 (0)32 421 04 01 E-MAIL sales@precidip.com www.precidip.com
DESIGN RULES
PRECI-DIP Spring loaded contact solutions are designed to mate to various kinds of
surfaces:
- A gold plated surface on a printed circuit board.
- A gold target pad with a SMT, a soldering tail, a solder cup or a wire termination.
In all cases, a key parameter for designing a reliable connection is the distance between
the mating surface and the base of the spring pin, commonly named “H”.
To make a reliable connection, the mating surface must be located in the working area
between H1 and H2.
For each application, we always ask for working range in order to propose the best
design to fit customer applications.
H1 / F1
H2/F2
Hnom / Fnom
Working Range
H1
H2
H init
H max
Buffer Area
Buffer Area
PRINTED CIRCUIT BOARD
A TARGET PAD



Html Pages

1 2 3 4 5 6