Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CFM-70C Arkusz danych(PDF) 6 Page - CUI Devices

Numer części CFM-70C
Szczegółowy opis  DC AXIAL FAN
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CUID [CUI Devices]
Strona internetowa  https://www.cuidevices.com/
Logo CUID - CUI Devices

CFM-70C Arkusz danych(HTML) 6 Page - CUI Devices

  CFM-70C Datasheet HTML 1Page - CUI Devices CFM-70C Datasheet HTML 2Page - CUI Devices CFM-70C Datasheet HTML 3Page - CUI Devices CFM-70C Datasheet HTML 4Page - CUI Devices CFM-70C Datasheet HTML 5Page - CUI Devices CFM-70C Datasheet HTML 6Page - CUI Devices CFM-70C Datasheet HTML 7Page - CUI Devices CFM-70C Datasheet HTML 8Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CUI DEVICES | SERIES: CFM-70C | DESCRIPTION: DC AXIAL FAN
date 08/12/2022 | page 6 of 8
cuidevices.com
MECHANICAL DRAWING (CONTINUED)
WIRE CONNECTIONS
Wire Color
Function
Red
+Vin
Black
-Vin
Yellow10
Tach Signal
Blue10
PWM
CFM-7025C
units: mm
2 wire versions (+Vin & -Vin): UL 1007, 24 AWG
3 wire versions (+Vin, -Vin, & tach): UL 1007, 24 AWG
4 wire versions (+Vin, -Vin, tach, & PWM): UL 1007, 26 AWG
MOUNTING SCREW (Pan Head)
Screw Type
Size
Standard
Torque
Machine Screw
M4
JIS B1111-1974
7.5 kgf-cm
Self-tapping Screw
M5
JIS B1122 Type 2
7.5 kgf-cm
Notes: 10. Wires only present on versions with output signals.
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com