| Zakładka z wyszukiwarką danych komponentów |
|
MCP6L91T-E/MS Arkusz danych(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6L91T-E/MS Arkusz danych(HTML) 13 Page - Microchip Technology |
|
13 / 40 page ![]() 2009-2019 Microchip Technology Inc. DS20002141C-page 13 MCP6L91/1R/2/4 4.0 APPLICATION INFORMATION The MCP6L91/1R/2/4 family of op amps is manufac- tured using Microchip’s state-of-the-art CMOS process. It is designed for low-cost, low-power and general purpose applications. The low supply voltage, low quiescent current and wide bandwidth makes the MCP6L91/1R/2/4 ideal for battery-powered applications. 4.1 Rail-to-Rail Inputs 4.1.1 PHASE REVERSAL The MCP6L91/1R/2/4 op amps are designed to prevent phase inversion when the input pins exceed the supply voltages. Figure 2-10 shows an input voltage exceeding both supplies without any phase reversal. 4.1.2 INPUT VOLTAGE AND CURRENT LIMITS In order to prevent damage and/or improper operation of these amplifiers, the circuit they are in must limit the currents (and voltages) at the input pins (see Section 1.1 “Absolute Maximum Ratings†”). Figure 4-1 shows the recommended approach to protecting these inputs. The internal ESD diodes prevent the input pins (VIN+ and VIN-) from going too far below ground, and the resistors, R1 and R2, limit the possible current drawn out of the input pins. Diodes, D1 and D2, prevent the input pins (VIN+ and VIN-) from going too far above VDD, and dump any currents onto VDD. FIGURE 4-1: Protecting the Analog Inputs. A significant amount of current can flow out of the inputs (through the ESD diodes) when the Common- mode voltage (VCM) is below ground (VSS); see Figure 2-7. Applications that are high-impedance may need to limit the usable voltage range. 4.1.3 NORMAL OPERATION The input stage of the MCP6L91/1R/2/4 op amps use two differential CMOS input stages in parallel. One operates at low Common-mode input voltage (VCM), while the other operates at high VCM. With this topology, and at room temperature, the device operates with VCM up to 0.3V above VDD and 0.3V below VSS (typical at +25°C). The transition between the two input stages occurs when VCM = VDD – 1.1V. For the best distortion and gain linearity, with noninverting gains, avoid this region of operation. 4.2 Rail-to-Rail Output The output voltage range of the MCP6L91/1R/2/4 op amps is VDD – 20 mV (minimum) and VSS + 20 mV (maximum) when RL = 10 k, and is connected to VDD/2 and VDD = 5.0V. Refer to Figure 2-13 for more information. 4.3 Capacitive Loads Driving large capacitive loads can cause stability problems for voltage feedback op amps. As the load capacitance increases, the feedback loop’s phase margin decreases and the closed-loop bandwidth is reduced. This produces gain peaking in the frequency response, with overshoot and ringing in the step response. When driving large capacitive loads with these op amps (e.g., >100 pF when G = +1), a small series resistor at the output (RISO in Figure 4-2) improves the feedback loop’s stability by making the output load resistive at higher frequencies; the bandwidth will usually be decreased. FIGURE 4-2: Output Resistor, RISO, Stabilizes Large Capacitive Loads. Bench measurements are helpful in choosing RISO. Adjust RISO so that a small signal step response (see Figure 2-14) has reasonable overshoot (e.g., 4%). V1 MCP6L9X R1 VDD D1 R1 > VSS – (minimum expected V1) 2mA R2 > VSS – (minimum expected V2) 2mA V2 R2 D2 R3 + – RISO VOUT CL MCP6L9X RF RG RN – + |